Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 4Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 5Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 6Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 7Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 8Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 9Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 10Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 11Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 179 page
background image
RX671 Group
1. Overview
R01DS0373EJ0120 Rev.1.20
Page 8 of 179
Sep 30, 2024
Communication
function
Serial communications
interfaces (RSCI)
 2 channels (RSCI10, RSCI11)
 Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
 Multi-processor function
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Start-bit detection: Level or edge detection is selectable.
 Simple I2C
 Simple SPI
 9-bit transfer mode
 Bit rate modulation
 Double-speed mode
 Event linking by the ELC (only RSCI10)
 Supports the serial communications protocol, which contains the start frame and
information frame
 Supports the LIN format
 Data can be transmitted or received in sequence by the 32-byte FIFO buffers of the
transmission and reception unit
 Manchester encoding is supported.
 HBS (home bus system) support mode
 Data match detection
 Adjustment of the timing of sampling of the RXD signals
I2C bus interface (RIICa)
 3 channels (only channel 0 can be used in fast-mode plus)
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 1 Mbps (channel 0)
 Event linking by the ELC
High-speed I2C bus
interface (RIICHS)
 1 channel
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 3.4 Mbps
 Event linking by the ELC
CAN module (CAN)
 2 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 32 mailboxes per channel
Serial peripheral
interface (RSPId)
 3 channels
 RSPI transfer facility
Using the MOSI (master out, slave in), MISO (master in, slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or to 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
Transmit/receive data can be swapped in byte units
 Buffered structure
Double buffers for both transmission and reception
 RSPCK can be stopped with the receive buffer full for master reception.
 Event linking by the ELC
Table 1.1
Outline of Specifications (7/10)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com