Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 77Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 78Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 79Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 80Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 81 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.2
Recommended Operating Conditions
Note 1. Comply with the following potential condition: VCC = AVCC0 = AVCC1 = VCC_USB
Note 2. The low CL crystal unit cannot be used when the VBATT voltage is less than 2.0 V.
Note 3. For details, see section 50.6.11, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Note 4. The listed values apply when pins P30, P31, and P32 are set for the TAMPIn or RTCICn (n = 0 to 2) functions, and pin PJ3 is set
for the EXCIN function.
Note 5. The listed values apply when pins P12 and P13 are respectively set for the SCLHS0 and SDAHS0 functions in Hs-mode of the
RIICHS.
Note 1. Use a multilayer ceramic capacitor with a nominal capacitance of 0.22 μF, for which the sum of the capacitance tolerance and
change in the capacitance under the usage conditions will be no greater than ±30%.
Table 2.2
Recommended Operating Conditions (1)
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage*1
VCC
2.7
—
3.6
V
VSS
—
0
—
VBATT power supply voltage
VBATT
1.62*2
—3.6
V
USB power supply voltage
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
Analog power supply voltage*1, *3
AVCC0
—
VCC
—
V
AVSS0
—
0
—
AVCC1
—
VCC
—
AVSS1
—
0
—
VREFH0
2.7
—
AVCC0
VREFL0
—
0
—
Input voltage
Ports for 5 V tolerant: P12 to P17, P20,
P21, P30 to P33, P67, P73, PC0 to PC3,
and PJ3
Vin
–0.3
—
VCC + 3.6 (up to 5.5)
V
TAMPI0 to TAMPI2, RTCIC0 to RTCIC2,
EXCIN*4
–0.3
—
3.9
SCLHS0, SDAHS0*5
–0.3
—
VCC + 0.3
Port for 5 V tolerant: P07
–0.3
—
AVCC0 + 3.6 (up to 5.5)
P03, P05, P40 to P47
–0.3
—
AVCC0 + 0.3
Other than above
–0.3
—
VCC + 0.3
Operating
temperature
D version
Topr
–40
—
85
°C
G version
–40
—
105
Junction
temperature
D version
Tj
–40
—
105
°C
G version
–40
—
125
Table 2.3
Recommended Operating Conditions (2)
Item
Symbol
Value
Decoupling capacitance for stabilizing the internal voltage
CVCL
0.22 μF ± 30%*1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com