Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 80Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 81Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 82Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 83Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 84Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 85Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 86Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 87Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 84 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
Note 1. Supply current values are measured when all output pins are unloaded and all input pull-up resistors are disabled.
Table 2.6
DC Characteristics (3)
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
D version
G version
Unit
Test Conditions
Typ.
Max.
Typ.
Max.
Supply
current*1
Full operation*2
ICC*3
—
55
—
68
mA
ICLK = 120 MHz,
PCLKA = 120 MHz,
PCLKB = 60 MHz,
PCLKC = 60 MHz,
PCLKD = 60 MHz,
FCLK = 60 MHz,
BCLK = 120 MHz,
BCLK pin = 60 MHz
Normal
operation
Peripheral module clocks are supplied
*4
23
—
23
—
Peripheral module clocks are stopped
*4, *5
13
—
13
—
Core
Mark
Peripheral module clocks are stopped
*4, *5
14.5
—
14.5
—
Sleep mode: Peripheral module clocks are
supplied*4
20
38
20
51
All module clock stop mode (reference value)
9
26
9
39
Increased by BGO
operation*8
Reading from the code flash
memory while the data flash
memory is being
programmed
6—
6
—
Reading from the code flash
memory while the code flash
memory is being
programmed
7—
7
—
Increased by Trusted Secure IP operation
—
15
—
15
Low-speed operating mode 1: Peripheral module clocks
are stopped*4
1.6
—
1.6
—
All clocks 1 MHz
Low-speed operating mode 2: Peripheral module clocks
are stopped*4
1.6
—
1.6
—
All clocks 32.768
kHz
Software standby mode
1.1
18
1.1
27
Power is supplied to the standby RAM, USB
resume detecting unit (USB0 only) and REMC
15.5
69
15.5
85
µA
Power is not
supplied to the
standby RAM,
USB resume
detecting unit
(USB0 only) and
REMC
Low power consumption
function of the power-on reset
circuit is disabled*6
11.5
42
11.5
54
Low power consumption
function of the power-on reset
circuit is enabled*7
4.9
32
4.9
47
Increase current
by operating RTC
Drive capacity for low CL is
set in RCR3.RTCDV[2:0].
1—
1
—
Drive capacity for standard CL
is set in RCR3.RTCDV[2:0].
2—
2
—
Increase current
by operating
REMC
External clock (32 kHz) input
0.1
—
0.1
—
Drive capacity for standard CL
is set in RCR3.RTCDV[2:0].
1.4
—
1.4
—
When the RTC is
operating while VCC is
not supplied (Only the
RTC and sub-clock
oscillator operate with
the battery backup
function)
Drive capacity for low CL is
set in RCR3.RTCDV[2:0].
0.9
—
0.9
—
VBATT = 2.0 V,
VCC = 0 V
1.6
—
1.6
—
VBATT = 3.3 V,
VCC = 0 V
Drive capacity for standard CL
is set in RCR3.RTCDV[2:0].
1.6
—
1.6
—
VBATT = 1.62 V,
VCC = 0 V
1.7
—
1.7
—
VBATT = 2.0 V,
VCC = 0 V
3.3
—
3.3
—
VBATT = 3.3 V,
VCC = 0 V
Inrush current on
release from deep
software standby mode
Inrush current*9
IRUSH
—
130
—
130
mA
Total inrush current*9
ERUSH
—1
—1
µC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com