Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F5671CDDFM Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # R5F5671CDDFM
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFM Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button R5F5671CDDFM Datasheet HTML 88Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 89Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 90Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 91Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 92Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 93Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 94Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 95Page - Renesas Technology Corp R5F5671CDDFM Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 92 of 179
Sep 30, 2024
RX671 Group
2. Electrical Characteristics
2.4.2
Clock Timing
Figure 2.3
BCLK Pin and SDCLK Pin Output Timing
Table 2.15
BCLK Pin Output, SDCLK Pin Output Clock Timing
Conditions: VCC = AVCC0 = AVCC1 = VCC_USB = VBATT = 2.7 to 3.6 V, 2.7 V ≤ VREFH0 ≤ AVCC0,
VSS = AVSS0 = AVSS1 = VREFL0 = VSS_USB = 0 V,
Ta = Topr
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
BCLK pin output cycle time
Package of 144 pins or more
tBcyc
16.6
—
—
ns
Figure 2.3
100-pin package
33.2
—
—
BCLK pin output high pulse width
tCH
3.3
—
—
ns
BCLK pin output low pulse width
tCL
3.3
—
—
ns
BCLK pin output rising time
tCr
——
5
ns
BCLK pin output falling time
tCf
——
5
ns
SDCLK pin output cycle time
Package of 144 pins or more
tBcyc
16.6
—
—
ns
SDCLK pin output high pulse width
tCH
3.3
—
—
ns
SDCLK pin output low pulse width
tCL
3.3
—
—
ns
SDCLK pin output rising time
tCr
——
5
ns
SDCLK pin output falling time
tCf
——
5
ns
tCf
tCH
tBcyc, tSDcyc
tCr
tCL
BCLK pin output, SDCLK pin output
Test conditions: VOH = 0.7 × VCC, VOL = 0.3 × VCC, C = 30 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com