Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2934 Datasheet (PDF) - Renesas Technology Corp

F2934 Datasheet PDF - Renesas Technology Corp
Part # F2934
Download  F2934 Download
File Size   1820.13 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 50MHz to 6000MHz

F2934 Datasheet (PDF)

Go To PDF Page Download Datasheet
F2934 Datasheet PDF - Renesas Technology Corp

Part # F2934
Download  F2934 Click to download

File Size   1820.13 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability SP2T RF Switch 50MHz to 6000MHz

F2934 Datasheet (HTML) - Renesas Technology Corp


F2934 Product details

Features
■ High Isolation:
● 74dB at 1GHz
● 73dB at 2GHz
● 70dB at 3GHz
● 66dB at 4GHz
■ High Linearity:
● IIP3 of 61dBm at 2GHz
■ Wide single 2.75V to 5.25V supply voltage range
■ 3.3V and 1.8V compatible control logic
■ Operating temperature -40°C to +105°C
■ 3 × 3 mm 16-VFQFPN package
Applications
■ Base Station 2G, 3G, 4G, 5G
■ Portable Wireless
■ Repeaters and E911 systems
■ Digital Pre-Distortion
■ Point to Point Infrastructure
■ Public Safety Infrastructure
■ WIMAX Receivers and Transmitters
■ Military Systems and JTRS radios
■ RFID handheld and portable readers
■ Test / ATE Equipment




Similar Part No. - F2934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Feb 3, 2023
F2934EVB RENESAS-F2934EVB Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934NTGI RENESAS-F2934NTGI Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934NTGI8 RENESAS-F2934NTGI8 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
More results


Similar Description - F2934

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com