Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F2934 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # F2934
Description  High Reliability SP2T RF Switch 50MHz to 6000MHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F2934 Datasheet(HTML) 1 Page - Renesas Technology Corp

  F2934 Datasheet HTML 1Page - Renesas Technology Corp F2934 Datasheet HTML 2Page - Renesas Technology Corp F2934 Datasheet HTML 3Page - Renesas Technology Corp F2934 Datasheet HTML 4Page - Renesas Technology Corp F2934 Datasheet HTML 5Page - Renesas Technology Corp F2934 Datasheet HTML 6Page - Renesas Technology Corp F2934 Datasheet HTML 7Page - Renesas Technology Corp F2934 Datasheet HTML 8Page - Renesas Technology Corp F2934 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Datasheet
F2934
High Reliability SP2T RF Switch 50MHz to 6000MHz
X0010823
Rev.1.1
Apr 28, 2021
Page 1
© 2021 Renesas Electroincs
The F2934 is a high reliability, low insertion loss, 50Ω
SP2T absorptive RF switch designed for a multitude
of wireless and other RF applications. This device
covers a broad frequency range from 50MHz to
6000MHz. In addition to providing low insertion loss,
the F2934 delivers high linearity and high isolation
performance while providing a 50Ω termination to the
unused RF input ports.
The F2934 uses a single positive supply voltage of
2.7V to 5.25V supporting three states using either
3.3V or 1.8V control logic.
Competitive Advantage
The F2934 provides the following advantages:
■
Constant impedance K|Z| during switching
transition
■
Insertion Loss = 0.8dB (at 2GHz)
■
RFX to RFC Isolation = 73dB (at 2GHz)
■
IIP3 = +61dBm (at 2GHz)
■
Active Port Operating Power Handling = 34dBm
■
Term Port Operating Power Handling = 27dBm
Block Diagram
Control
Circuit
VDD
EN
VCTL
RFC
RF1
RF2
50
Ω
50
Ω
K|Z|
Figure 1. Block Diagram
Features
■
High Isolation:
● 74dB at 1GHz
● 73dB at 2GHz
● 70dB at 3GHz
● 66dB at 4GHz
■
High Linearity:
● IIP3 of 61dBm at 2GHz
■
Wide single 2.75V to 5.25V supply voltage range
■
3.3V and 1.8V compatible control logic
■
Operating temperature -40°C to +105°C
■
3 × 3 mm 16-VFQFPN package
Applications
■
Base Station 2G, 3G, 4G, 5G
■
Portable Wireless
■
Repeaters and E911 systems
■
Digital Pre-Distortion
■
Point to Point Infrastructure
■
Public Safety Infrastructure
■
WIMAX Receivers and Transmitters
■
Military Systems and JTRS radios
■
RFID handheld and portable readers
■
Test / ATE Equipment


Similar Part No. - F2934

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934 RENESAS-F2934 Datasheet
1Mb / 21P
High Reliability SP2T RF Switch 50MHz to 6000MHz
Feb 3, 2023
F2934EVB RENESAS-F2934EVB Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934NTGI RENESAS-F2934NTGI Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2934NTGI8 RENESAS-F2934NTGI8 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
More results

Similar Description - F2934

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2913 RENESAS-F2913 Datasheet
1Mb / 20P
High Isolation SP2T RF Switch 50MHz to 6000MHz
F2914 RENESAS-F2914 Datasheet
787Kb / 22P
High Reliability SP4T RF Switch, 50MHz to 8000MHz
F2915 RENESAS-F2915 Datasheet
757Kb / 19P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2934 RENESAS-F2934 Datasheet
297Kb / 3P
High Reliability SP2T RF Switch 50MHz to 6000MHz
F2955 RENESAS-F2955 Datasheet
1Mb / 22P
High Reliability SP5T RF Switch 50MHz to 8000MHz
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
ISL71934M RENESAS-ISL71934M Datasheet
2Mb / 17P
Radiation Tolerant SP2T RF Switch, 50MHz to 6000MHz
Feb 24, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com