Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet (PDF) - Microchip Technology

D131 Datasheet PDF - Microchip Technology
Part # D131
Download  D131 Download
File Size   3468.48 Kbytes
Page   416 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages

D131 Datasheet (PDF)

Go To PDF Page Download Datasheet
D131 Datasheet PDF - Microchip Technology

Part # D131
Download  D131 Click to download

File Size   3468.48 Kbytes
Page   416 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages

D131 Datasheet (HTML) - Microchip Technology


D131 Product details

Analog Features
• Up to 14-Channel, Software Selectable,
10/12-Bit Analog-to-Digital Converter:
- 12-bit, 200K samples/second conversion rate
(single Sample-and-Hold)
- Sleep mode operation
- Charge pump for operating at lower AVDD
- Band gap reference input feature
- Windowed threshold compare feature
- Auto-scan feature
• Three Analog Comparators with Input Multiplexing:
- Programmable reference voltage for
comparators
• LVD Interrupt Above/Below Programmable
VLVD Level
• Charge Time Measurement Unit (CTMU):
- Allows measurement of capacitance and time
- Operational in Sleep

Low-Power Features
• Sleep and Idle modes Selectively Shut Down
Peripherals and/or Core for Substantial Power
Reduction and Fast Wake-up
• Doze mode allows CPU to Run at a Lower Clock
Speed than Peripherals
• Alternate Clock modes allow On-the-Fly
Switching to a Lower Clock Speed for Selective
Power Reduction

Special Microcontroller Features
• Supply Voltage Range of 2.0V to 3.6V
• Dual Voltage Regulators:
- 1.8V core regulator
- 1.2V regulator for Retention Sleep mode
• Operating Ambient Temperature Range of
-40°C to +125°C
• ECC Flash Memory (256 Kbytes):
- Single Error Correction (SEC)
- Double Error Detection (DED)
- 10,000 erase/write cycle endurance, typical
- Data retention: 20 years minimum
- Self-programmable under software control
• 16-Kbyte SRAM
• Programmable Reference Clock Output
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via 2 Pins
• JTAG Boundary Scan Support
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
Low-Power RC (LPRC) Oscillator
• Power-on Reset (POR), Brown-out Reset (BOR)
and Oscillator Start-up Timer (OST)
• Programmable Low-Voltage Detect (LVD)
• Flexible Watchdog Timer (WDT) with its Own
RC Oscillator for Reliable Operation




Similar Part No. - D131

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D131 MPD-D131 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
NXP Semiconductors
D131318 NXP-D131318 Datasheet
374Kb / 8P
RF Power GaN Transistor
Rev. 1, 01/2021
logo
MicroPower Direct, LLC
D131D MPD-D131D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
D131ERW MPD-D131ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D131I MPD-D131I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results


Similar Description - D131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
20-Jul-2006
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
12-Dec-2008
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com