Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 1 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 1 Page - Microchip Technology

  D131 Datasheet HTML 1Page - Microchip Technology D131 Datasheet HTML 2Page - Microchip Technology D131 Datasheet HTML 3Page - Microchip Technology D131 Datasheet HTML 4Page - Microchip Technology D131 Datasheet HTML 5Page - Microchip Technology D131 Datasheet HTML 6Page - Microchip Technology D131 Datasheet HTML 7Page - Microchip Technology D131 Datasheet HTML 8Page - Microchip Technology D131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 1
PIC24FJ256GA705 FAMILY
High-Performance CPU
• Modified Harvard Architecture
• Up to 16 MIPS Operation @ 32 MHz
• 8 MHz Fast RC Internal Oscillator:
- 96 MHz PLL option
- Multiple clock divide options
- Fast start-up
• 17-Bit x 17-Bit Single-Cycle Hardware
Fractional/Integer Multiplier
• 32-Bit by 16-Bit Hardware Divider
• 16-Bit x 16-Bit Working Register Array
• C Compiler Optimized Instruction Set Architecture
• Two Address Generation Units for Separate Read
and Write Addressing of Data Memory
• Six-Channel DMA Controller
Analog Features
• Up to 14-Channel, Software Selectable,
10/12-Bit Analog-to-Digital Converter:
- 12-bit, 200K samples/second conversion rate
(single Sample-and-Hold)
- Sleep mode operation
- Charge pump for operating at lower AVDD
- Band gap reference input feature
- Windowed threshold compare feature
- Auto-scan feature
• Three Analog Comparators with Input Multiplexing:
- Programmable reference voltage for
comparators
• LVD Interrupt Above/Below Programmable
VLVD Level
• Charge Time Measurement Unit (CTMU):
- Allows measurement of capacitance and time
- Operational in Sleep
Low-Power Features
• Sleep and Idle modes Selectively Shut Down
Peripherals and/or Core for Substantial Power
Reduction and Fast Wake-up
• Doze mode allows CPU to Run at a Lower Clock
Speed than Peripherals
• Alternate Clock modes allow On-the-Fly
Switching to a Lower Clock Speed for Selective
Power Reduction
Special Microcontroller Features
• Supply Voltage Range of 2.0V to 3.6V
• Dual Voltage Regulators:
- 1.8V core regulator
- 1.2V regulator for Retention Sleep mode
• Operating Ambient Temperature Range of
-40°C to +125°C
• ECC Flash Memory (256 Kbytes):
- Single Error Correction (SEC)
- Double Error Detection (DED)
- 10,000 erase/write cycle endurance, typical
- Data retention: 20 years minimum
- Self-programmable under software control
• 16-Kbyte SRAM
• Programmable Reference Clock Output
• In-Circuit Serial Programming™ (ICSP™) and
In-Circuit Emulation (ICE) via 2 Pins
• JTAG Boundary Scan Support
• Fail-Safe Clock Monitor Operation:
- Detects clock failure and switches to on-chip,
Low-Power RC (LPRC) Oscillator
• Power-on Reset (POR), Brown-out Reset (BOR)
and Oscillator Start-up Timer (OST)
• Programmable Low-Voltage Detect (LVD)
• Flexible Watchdog Timer (WDT) with its Own
RC Oscillator for Reliable Operation
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and
16-Kbyte RAM in Low Pin Count Packages


Similar Part No. - D131

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D131 MPD-D131 Datasheet
200Kb / 2P
Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
NXP Semiconductors
D131318 NXP-D131318 Datasheet
374Kb / 8P
RF Power GaN Transistor
Rev. 1, 01/2021
logo
MicroPower Direct, LLC
D131D MPD-D131D Datasheet
141Kb / 2P
Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
D131ERW MPD-D131ERW Datasheet
185Kb / 2P
Low Cost, Miniature 1W SIP, Wide Input DC/DC Converters
D131I MPD-D131I Datasheet
201Kb / 2P
High Isolation Miniature, 1W SIP DC/DC Converters
More results

Similar Description - D131

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F272 STMICROELECTRONICS-ST10F272 Datasheet
3Mb / 179P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
29-Jun-2006
ST10F273E STMICROELECTRONICS-ST10F273E Datasheet
1Mb / 179P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
11-May-2006
ST10F272M STMICROELECTRONICS-ST10F272M Datasheet
3Mb / 175P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
09-May-2007
ST10F272B STMICROELECTRONICS-ST10F272B Datasheet
1Mb / 181P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
20-Jul-2006
ST10F271 STMICROELECTRONICS-ST10F271 Datasheet
2Mb / 173P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
30-Jun-2006
ST10F271Z1 STMICROELECTRONICS-ST10F271Z1 Datasheet
3Mb / 185P
16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
18-Jan-2008
ST10F272Z2 STMICROELECTRONICS-ST10F272Z2_08 Datasheet
2Mb / 189P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
11-Jan-2008
ST10F272B STMICROELECTRONICS-ST10F272B_12 Datasheet
1Mb / 188P
16-bit MCU with 256 Kbyte Flash memory and 12/20 Kbyte RAM
12-Dec-2008
ST10F272M STMICROELECTRONICS-ST10F272M_12 Datasheet
1Mb / 176P
16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
15-May-2012
ST10F273Z4 STMICROELECTRONICS-ST10F273Z4 Datasheet
1Mb / 188P
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
10-Jan-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com