Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 37 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 37 Page - Microchip Technology

Back Button D131 Datasheet HTML 33Page - Microchip Technology D131 Datasheet HTML 34Page - Microchip Technology D131 Datasheet HTML 35Page - Microchip Technology D131 Datasheet HTML 36Page - Microchip Technology D131 Datasheet HTML 37Page - Microchip Technology D131 Datasheet HTML 38Page - Microchip Technology D131 Datasheet HTML 39Page - Microchip Technology D131 Datasheet HTML 40Page - Microchip Technology D131 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 37
PIC24FJ256GA705 FAMILY
FIGURE 3-2:
PROGRAMMER’S MODEL
NOV Z C
TBLPAG
22
0
7
0
0
15
Program Counter
Table Memory Page
ALU STATUS Register (SR)
Working/Address
Registers
W0 (WREG)
W1
W2
W3
W4
W5
W6
W7
W8
W9
W10
W11
W12
W13
Frame Pointer
Stack Pointer
RA
0
RCOUNT
15
0
REPEAT Loop Counter
SPLIM
Stack Pointer Limit
SRL
0
0
15
0
CPU Control Register (CORCON)
SRH
W14
W15
DC IPL
2 1 0
PC
Divider Working Registers
Multiplier Registers
15
0
Value Register
Address Register
Register
Data Space Read Page Register
Data Space Write Page Register
Disable Interrupt Count Register
13
0
DISICNT
90
DSRPAG
80
DSWPAG
IPL3 —— —
Registers or bits are shadowed for PUSH.S and POP.S instructions.
— — — — — — — — ————
——
—
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com