Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 2 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 2 Page - Microchip Technology

  D131 Datasheet HTML 1Page - Microchip Technology D131 Datasheet HTML 2Page - Microchip Technology D131 Datasheet HTML 3Page - Microchip Technology D131 Datasheet HTML 4Page - Microchip Technology D131 Datasheet HTML 5Page - Microchip Technology D131 Datasheet HTML 6Page - Microchip Technology D131 Datasheet HTML 7Page - Microchip Technology D131 Datasheet HTML 8Page - Microchip Technology D131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 2
 2016-2018 Microchip Technology Inc.
Peripheral Features
• High-Current Sink/Source 18 mA/18 mA on
All I/O Pins
• Independent, Low-Power 32 kHz Timer Oscillator
• Timer1: 16-Bit Timer/Counter with External Crystal
Oscillator; Timer1 can Provide an A/D Trigger
• Timer2,3: 16-Bit Timer/Counter, can Create 32-Bit
Timer; Timer3 can Provide an A/D Trigger
• Three Input Capture modules, Each with a
16-Bit Timer
• Three Output Compare/PWM modules, Each with
a 16-Bit Timer
• Four MCCP modules, Each with a Dedicated
16/32-Bit Timer:
- One 6-output MCCP module
- Three 2-output MCCP modules
• Three Variable Width, Synchronous Peripheral
Interface (SPI) Ports on All Devices; 3 Operation
modes:
- 3-wire SPI (supports all 4 SPI modes)
- 8 by 16-bit or 8 by 8-bit FIFO
-I2S mode
•Two I2C Master and Slave w/Address Masking,
and IPMI Support
• Two UART modules:
- LIN/J2602 bus support (auto-wake-up,
Auto-Baud Detect (ABD), Break character support)
- RS-232 and RS-485 support
-IrDA® mode (hardware encoder/decoder
functions)
• Five External Interrupt Pins
• Parallel Master Port/Enhanced Parallel Slave Port
(PMP/EPSP), 8-Bit Data with External
Programmable Control (polarity and protocol)
• Enhanced CRC module
• Reference Clock Output with Programmable
Divider
• Two Configurable Logic Cell (CLC) Blocks:
- Two inputs and one output, all mappable to
peripherals or I/O pins
- AND/OR/XOR logic and D/JK flip-flop
functions
• Peripheral Pin Select (PPS) with Independent I/O
Mapping of Many Peripherals
TABLE 1:
PIC24FJ256GA705 FAMILY DEVICES
Device
Memory
Peripherals
PIC24FJ64GA705
64K
16K
48
40
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ128GA705
128K
16K
48
40
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ256GA705
256K
16K
48
40
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ64GA704
64K
16K
44
36
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ128GA704
128K
16K
44
36
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ256GA704
256K
16K
44
36
6
14
3
Yes 1/3 3/3
3
2
3
2
13 10/8 2
Yes Yes
PIC24FJ64GA702
64K
16K
28
22
6
10
3
Yes 1/3 3/3
3
2
3
2
12
No
2
Yes Yes
PIC24FJ128GA702
128K
16K
28
22
6
10
3
Yes 1/3 3/3
3
2
3
2
12
No
2
Yes Yes
PIC24FJ256GA702
256K
16K
28
22
6
10
3
Yes 1/3 3/3
3
2
3
2
12
No
2
Yes Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com