Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 4 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 4 Page - Microchip Technology

  D131 Datasheet HTML 1Page - Microchip Technology D131 Datasheet HTML 2Page - Microchip Technology D131 Datasheet HTML 3Page - Microchip Technology D131 Datasheet HTML 4Page - Microchip Technology D131 Datasheet HTML 5Page - Microchip Technology D131 Datasheet HTML 6Page - Microchip Technology D131 Datasheet HTML 7Page - Microchip Technology D131 Datasheet HTML 8Page - Microchip Technology D131 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 4
 2016-2018 Microchip Technology Inc.
Pin Diagrams (PIC24FJ256GA702 Devices)
Legend: See Table 3 for a complete description of pin functions. Pinouts are subject to change.
Note: Gray shading indicates 5.5V tolerant input pins.
28-Pin SOIC, SSOP, SPDIP
MCLR
VSS
VDD
RA0
RA1
AVDD/VDD
AVSS/VSS
RB0
RB6
RA4
RB4
VSS
RA3
RA2
VCAP
RB7
RB9
RB8
RB3
RB2
RB1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
RB15
RB14
RB13
RB12
RB10
RB11
RB5
TABLE 3:
COMPLETE PIN FUNCTION DESCRIPTIONS (PIC24FJ256GA702 SOIC, SSOP, SPDIP)
Pin
Function
Pin
Function
1MCLR
15
PGC3/RP6/ASCL1/OCM1F/RB6
2VREF+/CVREF+/AN0/C3INC/RP26/CTED1/RA0
16
RP7/OCM1A/CTED3/INT0/RB7
3VREF-/CVREF-/AN1/C3IND/RP27/CTED2/RA1
17
TCK/RP8/SCL1/OCM1B/CTED10/RB8
4
PGD1/AN2/CTCMP/C2INB/RP0/RB0
18
TDO/C1INC/C2INC/C3INC/TMPRN/RP9/SDA1/T1CK/CTED4/RB9
5
PGC1/AN1-/AN3/C2INA/RP1/CTED12/RB1
19
VSS
6
AN4/C1INB/RP2/SDA2/CTED13/RB2
20
VCAP
7
AN5/C1INA/RP3/SCL2/CTED8/RB3
21
PGD2/TDI/RP10/OCM1C/CTED11/RB10
8VSS
22
PGC2/TMS/REFI1/RP11/CTED9/RB11
9
OSCI/CLKI/C1IND/RA2
23
AN8/LVDIN/RP12/RB12
10
OSCO/CLKO/C2IND/RA3
24
AN7/C1INC/RP13/OCM1D/CTPLS/RB13
11
SOSCI/RP4/RB4
25
CVREF/AN6/C3INB/RP14/CTED5/RB14
12
SOSCO/PWRLCLK/RA4
26
AN9/C3INA/RP15/CTED6/RB15
13
VDD
27
AVSS/VSS
14
PGD3/RP5/ASDA1/OCM1E/RB5
28
AVDD/VDD
Legend:
RPn represents remappable pins for Peripheral Pin Select (PPS) functions.
Note:
Pinouts are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com