Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 82 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 82 Page - Microchip Technology

Back Button D131 Datasheet HTML 78Page - Microchip Technology D131 Datasheet HTML 79Page - Microchip Technology D131 Datasheet HTML 80Page - Microchip Technology D131 Datasheet HTML 81Page - Microchip Technology D131 Datasheet HTML 82Page - Microchip Technology D131 Datasheet HTML 83Page - Microchip Technology D131 Datasheet HTML 84Page - Microchip Technology D131 Datasheet HTML 85Page - Microchip Technology D131 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 82
 2016-2018 Microchip Technology Inc.
7.1
Special Function Register Reset
States
Most of the Special Function Registers (SFRs) associ-
ated with the PIC24F CPU and peripherals are reset to a
particular value at a device Reset. The SFRs are
grouped by their peripheral or CPU function and their
Reset values are specified in each section of this manual.
The Reset value for each SFR does not depend on the
type of Reset, with the exception of four registers. The
Reset value for the Reset Control register, RCON, will
depend on the type of device Reset. The Reset value
for the Oscillator Control register, OSCCON, will
depend on the type of Reset and the programmed
values of the FNOSC<2:0> bits in the FOSCSEL Flash
Configuration Word (see Table 7-2). The RCFGCAL
and NVMCON registers are only affected by a POR.
7.2
Device Reset Times
The Reset times for various types of device Reset are
summarized in Table 7-3. Note that the Master Reset
Signal, SYSRST, is released after the POR delay time
expires.
The time at which the device actually begins to execute
code will also depend on the system oscillator delays,
which include the Oscillator Start-up Timer (OST) and
the PLL lock time. The OST and PLL lock times occur
in parallel with the applicable SYSRST delay times.
The Fail-Safe Clock Monitor (FSCM) delay determines
the time at which the FSCM begins to monitor the system
clock source after the SYSRST signal is released.
7.3
Brown-out Reset (BOR)
PIC24FJ256GA705 family devices implement a BOR
circuit that provides the user with several configuration
and power-saving options. The BOR is controlled by the
BOREN<1:0> (FPOR<1:0>) Configuration bits.
When BOR is enabled, any drop of VDD below the BOR
threshold results in a device BOR. Threshold levels are
described in Section 32.1 “DC Characteristics”.
7.4
Clock Source Selection at Reset
If clock switching is enabled, the system clock source at
device Reset is chosen, as shown in Table 7-2. If clock
switching is disabled, the system clock source is always
selected according to the Oscillator Configuration bits.
For more information, refer to the “dsPIC33/PIC24
Family Reference Manual”, “Oscillator” (DS39700).
TABLE 7-2:
OSCILLATOR SELECTION vs.
TYPE OF RESET (CLOCK
SWITCHING ENABLED)
Reset Type
Clock Source Determinant
POR
FNOSC<2:0> Configuration bits
(FOSCSEL<2:0>)
BOR
MCLR
COSC<2:0> Control bits
(OSCCON<14:12>)
WDTO
SWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com