Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 57 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 57 Page - Microchip Technology

Back Button D131 Datasheet HTML 53Page - Microchip Technology D131 Datasheet HTML 54Page - Microchip Technology D131 Datasheet HTML 55Page - Microchip Technology D131 Datasheet HTML 56Page - Microchip Technology D131 Datasheet HTML 57Page - Microchip Technology D131 Datasheet HTML 58Page - Microchip Technology D131 Datasheet HTML 59Page - Microchip Technology D131 Datasheet HTML 60Page - Microchip Technology D131 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 57
PIC24FJ256GA705 FAMILY
TABLE 4-13:
EDS MEMORY ADDRESS WITH DIFFERENT PAGES AND ADDRESSES
4.2.6
SOFTWARE STACK
Apart from its use as a Working register, the W15
register in PIC24F devices is also used as a Software
Stack Pointer (SSP). The pointer always points to the
first available free word and grows from lower to higher
addresses. It pre-decrements for stack pops and post-
increments for stack pushes, as shown in Figure 4-6.
Note that for a PC push during any CALL instruction,
the MSB of the PC is zero-extended before the push,
ensuring that the MSB is always clear.
The Stack Pointer Limit Value register (SPLIM), associ-
ated with the Stack Pointer, sets an upper address
boundary for the stack. SPLIM is uninitialized at Reset.
As is the case for the Stack Pointer, SPLIM<0> is
forced to ‘0’ as all stack operations must be word-
aligned. Whenever an EA is generated using W15 as a
source or destination pointer, the resulting address is
compared with the value in SPLIM. If the contents of
the Stack Pointer (W15) and the SPLIM register are
equal, and a push operation is performed, a stack error
trap will not occur. The stack error trap will occur on a
subsequent push operation. Thus, for example, if it is
desirable to cause a stack error trap when the stack
grows beyond address 2000h in RAM, initialize the
SPLIM with the value, 1FFEh.
Similarly, a Stack Pointer underflow (stack error) trap is
generated when the Stack Pointer address is found to
be less than 0800h. This prevents the stack from
interfering with the SFR space.
A write to the SPLIM register should not be immediately
followed by an indirect read operation using W15.
FIGURE 4-6:
CALL STACK FRAME
DSRPAG
(Data Space Read
Register)
DSWPAG
(Data Space Write
Register)
Source/Destination
Address while
Indirect
Addressing
24-Bit EA
Pointing to EDS
Comment
x(1)
x(1)
0000h to 1FFFh
000000h to
001FFFh
Near Data Space(2)
2000h to 7FFFh
002000h to
007FFFh
001h
001h
8000h to FFFFh
008000h to
00FFFEh
EPMP Memory Space
002h
002h
010000h to
017FFEh
003h
•
•
•
•
•
1FFh
003h
•
•
•
•
•
1FFh
018000h to
0187FEh
•
•
•
•
FF8000h to
FFFFFEh
000h
000h
Invalid Address
Address Error Trap(3)
Note 1:
If the source/destination address is below 8000h, the DSRPAG and DSWPAG registers are not considered.
2:
This Data Space can also be accessed by Direct Addressing.
3:
When the source/destination address is above 8000h and DSRPAG/DSWPAG are ‘0’, an address error
trap will occur.
Note:
A PC push during exception processing
will concatenate the SRL register to the
MSB of the PC prior to the push.
<Free Word>
PC<15:0>
000000000
0
15
W15 (before CALL)
W15 (after CALL)
0000h
PC<22:16>
POP : [--W15]
PUSH : [W15++]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com