Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 51 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 51 Page - Microchip Technology

Back Button D131 Datasheet HTML 47Page - Microchip Technology D131 Datasheet HTML 48Page - Microchip Technology D131 Datasheet HTML 49Page - Microchip Technology D131 Datasheet HTML 50Page - Microchip Technology D131 Datasheet HTML 51Page - Microchip Technology D131 Datasheet HTML 52Page - Microchip Technology D131 Datasheet HTML 53Page - Microchip Technology D131 Datasheet HTML 54Page - Microchip Technology D131 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 51
PIC24FJ256GA705 FAMILY
TABLE 4-8:
SFR MAP: 0400h BLOCK
File Name
Address
All Resets
File Name
Address
All Resets
SPI (CONTINUED)
I2C (CONTINUED)
0498
0000
SPI1BUFL
0400
0000
I2C1BRG
0498
0000
SPI1BUFH
0402
0000
I2C1CONL
049A
1000
SPI1BRGL
0404
xxxx
I2C1CONH
049C
0000
SPI1IMSKL
0408
0000
I2C1STAT
049E
0000
SPI1IMSKH
040A
0000
I2C1ADD
04A0
0000
SPI1URDTL
040C
0000
I2C1MSK
04A2
0000
SPI1URDTH
040E
0000
I2C2RCV
04A4
0000
SPI2CON1L
0410
0x00
I2C2TRN
04A6
00FF
SPI2CON1H
0412
0000
I2C2BRG
04A8
0000
SPI2CON2L
0414
0000
I2C2CONL
04AA
1000
SPI2STATL
0418
0028
I2C2CONH
04AC
0000
SPI2STATH
041A
0000
I2C2STAT
04AE
0000
SPI2BUFL
041C
0000
I2C2ADD
04B0
0000
SPI2BUFH
041E
0000
I2C2MSK
04B2
0000
SPI2BRGL
0420
xxxx
DMA
SPI2IMSKL
0424
0000
DMACON
04C4
0000
SPI2IMSKH
0426
0000
DMABUF
04C6
0000
SPI2URDTL
0428
0000
DMAL
04C8
0000
SPI2URDTH
042A
0000
DMAH
04CA
0000
SPI3CON1L
042C
0x00
DMACH0
04CC
0000
SPI3CON1H
042E
0000
DMAINT0
04CE
0000
SPI3CON2L
0430
0000
DMASRC0
04D0
0000
SPI3STATL
0434
0028
DMADST0
04D2
0000
SPI3STATH
0436
0000
DMACNT0
04D4
0001
SPI3BUFL
0438
0000
DMACH1
04D6
0000
SPI3BUFH
043A
0000
DMAINT1
04D8
0000
SPI3BRGL
043C
xxxx
DMASRC1
04DA
0000
SPI3IMSKL
0440
0000
DMADST1
04DC
0000
SPI3IMSKH
0442
0000
DMACNT1
04DE
0001
SPI3URDTL
0444
0000
DMACH2
04E0
0000
SPI3URDTH
0446
0000
DMAINT2
04E2
0000
CONFIGURABLE LOGIC CELL (CLC)
DMASRC2
04E4
0000
CLC1CONL
0464
0000
DMADST2
04E6
0000
CLC1CONH
0466
0000
DMACNT2
04E8
0001
CLC1SEL
0468
0000
DMACH3
04EA
0000
CLC1GLSL
046C
0000
DMAINT3
04EC
0000
CLC1GLSH
046E
0000
DMASRC3
04EE
0000
CLC2CONL
0470
0000
DMADST3
04F0
0000
CLC2CONH
0472
0000
DMACNT3
04F2
0001
CLC2SEL
0474
0000
DMACH4
04F4
0000
CLC2GLSL
0478
0000
DMAINT4
04F6
0000
CLC2GLSH
047A
0000
DMASRC4
04F8
0000
I2C
DMADST4
04FA
0000
I2C1RCV
0494
0000
DMACNT4
04FC
0001
I2C1TRN
0496
00FF
DMACH5
04FE
0000
Legend:
x = undefined. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com