Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D131 Datasheet(PDF) 36 Page - Microchip Technology

Part # D131
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

D131 Datasheet(HTML) 36 Page - Microchip Technology

Back Button D131 Datasheet HTML 32Page - Microchip Technology D131 Datasheet HTML 33Page - Microchip Technology D131 Datasheet HTML 34Page - Microchip Technology D131 Datasheet HTML 35Page - Microchip Technology D131 Datasheet HTML 36Page - Microchip Technology D131 Datasheet HTML 37Page - Microchip Technology D131 Datasheet HTML 38Page - Microchip Technology D131 Datasheet HTML 39Page - Microchip Technology D131 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 416 page
background image
PIC24FJ256GA705 FAMILY
DS30010118D-page 36
 2016-2018 Microchip Technology Inc.
FIGURE 3-1:
PIC24F CPU CORE BLOCK DIAGRAM
TABLE 3-1:
CPU CORE REGISTERS
Register(s) Name
Description
W0 through W15
Working Register Array
PC
23-Bit Program Counter
SR
ALU STATUS Register
SPLIM
Stack Pointer Limit Value Register
TBLPAG
Table Memory Page Address Register
RCOUNT
REPEAT Loop Counter Register
CORCON
CPU Control Register
DISICNT
Disable Interrupt Count Register
DSRPAG
Data Space Read Page Register
DSWPAG
Data Space Write Page Register
Instruction
Decode and
Control
PCH
16
Program Counter
16-Bit ALU
23
23
24
23
Data Bus
Instruction Reg
16
Divide
Support
16
EA MUX
RAGU
WAGU
16
16
8
Interrupt
Controller
Stack
Control
Logic
Loop
Control
Logic
Data Latch
Data RAM
Address
Latch
Control Signals
to Various Blocks
Program Memory/
Data Latch
Address Bus
16
16
16
Hardware
Multiplier
16
To Peripheral Modules
Address Latch
Up to 0x7FFF
Extended Data
Space
PCL
16 x 16
W Register Array
EDS and Table
Data Access
Control Block
ROM Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com