Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC74 Datasheet (PDF) - STMicroelectronics

LEOAC74 Datasheet PDF - STMicroelectronics
Part # LEOAC74
Download  LEOAC74 Download
File Size   558.12 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic Dual D-type positive edge-triggered flip-flop

LEOAC74 Datasheet (PDF)

Go To PDF Page Download Datasheet
LEOAC74 Datasheet PDF - STMicroelectronics

Part # LEOAC74
Download  LEOAC74 Click to download

File Size   558.12 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-hard plastic Dual D-type positive edge-triggered flip-flop

LEOAC74 Datasheet (HTML) - STMicroelectronics


LEOAC74 Product details

Features
• Dual D-type positive edge-triggered flip-flop
• 6 V max. operating
• 7 V max. rating
• 8.5 ns propagation delay
• Nickel/Palladium/Gold-lead-finished (NiPdAu), whisker-free
• Gold-wires
• RML <1% and CVCM <0.1% guaranteed outgassing
• 50 krad (Si) Total Ionizing Dose
• SEL-free up to 62.5 MeV.cm²/mg
• Mass: 80 mg
• Compliant with ST-LEO-specification

Description
The LEOAC74 is a CMOS Dual D-type positive edge-triggered flip-flop for use in
aerospace environments. It operates from 2 V to 6 V power supply (7 V absolute
maximum rating).
The LEOAC74 can operate over a large temperature range of -40 °C to +125 °C and
it is housed in plastic TSSOP-20, Thin-Shrink Small Outline Package, 20 leads, using
golden bonding and Nickel/Palladium/Golden-lead-finishing to prevent whiskers.
The LEOAC74 is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off between footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.

Applications
• Low earth orbit (LEO) applications




Similar Part No. - LEOAC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results


Similar Description - LEOAC74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com