Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC74 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LEOAC74
Description  Rad-hard plastic Dual D-type positive edge-triggered flip-flop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC74 Datasheet(HTML) 1 Page - STMicroelectronics

  LEOAC74 Datasheet HTML 1Page - STMicroelectronics LEOAC74 Datasheet HTML 2Page - STMicroelectronics LEOAC74 Datasheet HTML 3Page - STMicroelectronics LEOAC74 Datasheet HTML 4Page - STMicroelectronics LEOAC74 Datasheet HTML 5Page - STMicroelectronics LEOAC74 Datasheet HTML 6Page - STMicroelectronics LEOAC74 Datasheet HTML 7Page - STMicroelectronics LEOAC74 Datasheet HTML 8Page - STMicroelectronics LEOAC74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Features
Dual D-type positive edge-triggered flip-flop
6 V max. operating
7 V max. rating
8.5 ns propagation delay
Nickel/Palladium/Gold-lead-finished (NiPdAu), whisker-free
Gold-wires
RML <1% and CVCM <0.1% guaranteed outgassing
50 krad (Si) Total Ionizing Dose
SEL-free up to 62.5 MeV.cm²/mg
Mass: 80 mg
Compliant with ST-LEO-specification
Applications
Low earth orbit (LEO) applications
Description
The LEOAC74 is a CMOS Dual D-type positive edge-triggered flip-flop for use in
aerospace environments. It operates from 2 V to 6 V power supply (7 V absolute
maximum rating).
The LEOAC74 can operate over a large temperature range of -40 °C to +125 °C and
it is housed in plastic TSSOP-20, Thin-Shrink Small Outline Package, 20 leads, using
golden bonding and Nickel/Palladium/Golden-lead-finishing to prevent whiskers.
The LEOAC74 is compliant with ST-LEO-specification, dedicated specification for
space-ready rad-hard plastic products. This AEC-Q100-based specification offers
a specific trade-off between footprint size savings, cost of ownership and quality
assurance together with radiation hardness and large quantity capability.
Maturity status link
LEOAC74
Rad-hard plastic Dual D-type positive edge-triggered flip-flop
LEOAC74
Datasheet
DS13861 - Rev 2 - January 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LEOAC74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LEOAC00 STMICROELECTRONICS-LEOAC00 Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT STMICROELECTRONICS-LEOAC00PT Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC00PT-D STMICROELECTRONICS-LEOAC00PT-D Datasheet
1Mb / 17P
Rad-hard plastic quad 2-input NAND gate
30-Aug-2021
LEOAC08 STMICROELECTRONICS-LEOAC08 Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
LEOAC08PT STMICROELECTRONICS-LEOAC08PT Datasheet
508Kb / 17P
Rad-hard plastic Quad two-input AND gate
01-Feb-2022
More results

Similar Description - LEOAC74

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com