Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC74 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LEOAC74
Description  Rad-hard plastic Dual D-type positive edge-triggered flip-flop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC74 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LEOAC74 Datasheet HTML 2Page - STMicroelectronics LEOAC74 Datasheet HTML 3Page - STMicroelectronics LEOAC74 Datasheet HTML 4Page - STMicroelectronics LEOAC74 Datasheet HTML 5Page - STMicroelectronics LEOAC74 Datasheet HTML 6Page - STMicroelectronics LEOAC74 Datasheet HTML 7Page - STMicroelectronics LEOAC74 Datasheet HTML 8Page - STMicroelectronics LEOAC74 Datasheet HTML 9Page - STMicroelectronics LEOAC74 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Symbol
Parameter
Test condition
VCC
(V)
Min.
Typ.
Max.
Unit
VIC+
Positive input clamp
voltage
For input under test, IIN = -1.0 mA
0
0.4
1.5
V
VIC-
Negative input clamp
voltage
For input under test, IIN = -1.0 mA
Open
0.4
-1.5
V
IIH
Input current high
For input under test, VIN = VCC. For all other inputs,
VIN = VCC or GND
5.5
1
µA
IIL
Input current low
For input under test, VIN = GND. For all other
inputs, VIN = VCC or GND
5.5
-1
µA
ICCH
Quiescent supply current,
output high
For all inputs, VIN = VCC or GND IOUT = 0 A
5.5
40
μA
ICCL
Quiescent supply current,
output low
For all inputs, VIN = VCC or GND IOUT = 0 A
5.5
40
µA
CIN (3)
Input capacitance
Ta = +25 °C
5
10
pF
CPD (3) (4)
Power dissipation
capacitance
Ta = +25 °C, F = 1 MHz
5
88
pF
Tr, Tf
Output rise time and fall
time
CL = 2 pF, RL = 500 ohm (see Figure 3)
3
3.7
ns
4.5
2.0
CL = 50 pF, RL = 500 ohm (see Figure 3)
3
5.2
4.5
4.5
TPHL (5)
Propagation delay time An
to Yn, high to low
CL = 50 pF, RL = 500 ohm (see Figure 3)
3
1
11.5
ns
4.5
1
8.5
TPLH(5)
Propagation delay time An
to Yn, low to high
CL = 50 pF, RL = 500 ohm (see Figure 3)
3
1
12.5
4.5
1
9
1. The VOH and VOL tests shall be tested at VCC = 3.0 V and 4.5 V. The VOH and VOL tests are guaranteed, if
not tested, for other values of VCC. Limits shown apply to operation at VCC = 3.3 V, ±0.3 V and VCC = 5.0
V ±0.5 V. Tests with input current at +50 mA and –50 mA are performed on only one input at a time with
duration not to exceed 10 ms. Transmission driving tests may be performed using VIN = VCC or GND. When
VIN = VCC or GND is used, the test is guaranteed for VIN = VIH minimum and VIL maximum.
2. The VIH and VIL tests are not required if applied as forcing functions for VOH and VOL tests.
3. CIN and CPD shall be measured only for initial qualification and after process or design changes which may
affect capacitance. CIN shall be measured between the designated terminal and GND at a frequency of 1
MHz. CPD shall be tested in accordance with the latest revision of JEDEC Standard JESD20 and table IA
herein. For CIN and CPD, test all applicable pins on five devices with zero failures.
4. Power dissipation capacitance (CPD) determines both the power consumption (PD) and dynamic current
consumption (IS). Where: PD = (CPD + CL) (VCC x VCC) f + (ICC x VCC) and IS = (CPD + CL) VCC x f + ICC,
and f is the frequency of the input signal and CL is the external output load capacitance.
5. For propagation delay tests, all paths are tested. The AC limits at VCC = 5.5 V are equal to the limits at VCC
= 4.5 V and guaranteed by testing at VCC = 4.5 V. The AC limits at VCC = 3.6 V are equal to the limits at VCC
= 3.0 V and guaranteed by testing at VCC = 3.0 V. Minimum AC limits for VCC = 5.5 V and VCC = 3.6 V are
1.0 ns and guaranteed by guard banding the VCC = 4.5 V and VCC = 3.0 V minimum limits, respectively, to
1.5 ns. For propagation delay tests, all paths must be tested.
LEOAC74
Electrical characteristics
DS13861 - Rev 2
page 6/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com