Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC74 Datasheet(PDF) 5 Page - STMicroelectronics

Part # LEOAC74
Description  Rad-hard plastic Dual D-type positive edge-triggered flip-flop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC74 Datasheet(HTML) 5 Page - STMicroelectronics

  LEOAC74 Datasheet HTML 1Page - STMicroelectronics LEOAC74 Datasheet HTML 2Page - STMicroelectronics LEOAC74 Datasheet HTML 3Page - STMicroelectronics LEOAC74 Datasheet HTML 4Page - STMicroelectronics LEOAC74 Datasheet HTML 5Page - STMicroelectronics LEOAC74 Datasheet HTML 6Page - STMicroelectronics LEOAC74 Datasheet HTML 7Page - STMicroelectronics LEOAC74 Datasheet HTML 8Page - STMicroelectronics LEOAC74 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3
Electrical characteristics
VCC = 3 V to 5.5 V, typical values are at ambient Ta = +25 °C, min. and max. values are at Ta = -40 °C and +125
°C, unless otherwise specified.
Table 4. Electrical characteristics.
Symbol
Parameter
Test condition
VCC
(V)
Min.
Typ.
Max.
Unit
VOH (1)
High level output voltage
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOH = -50 μA
3
2.9
V
4.5
4.4
5.5
5.4
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOH = -12 mA
3
2.4
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOH = -24 mA
4.5
3.7
5.5
4.7
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND IOH = -50 mA
5.5
3.85
VOL (1)
Low level output voltage
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +50 μA
3
0.1
V
4.5
0.1
5.5
0.1
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +12 mA
3
0.5
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +24 mA
4.5
0.5
5.5
0.5
For all inputs affecting output under test, VIN = VIH
minimum or VIL maximum. For all other inputs,
VIN = VCC or GND, IOL = +50 mA
5.5
1.65
IOH
High level output current
3
-12
mA
4.5
-24
5.5
-24
IOL
Low level output current
3
12
4.5
24
5.5
24
VIH (2)
High level input voltage
3
2.1
mA
4.5
3.15
5.5
3.85
VIL(2)
Low level input voltage
3
0.9
V
4.5
1.35
5.5
1.65
LEOAC74
Electrical characteristics
DS13861 - Rev 2
page 5/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com