Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEOAC74 Datasheet(PDF) 11 Page - STMicroelectronics

Part # LEOAC74
Description  Rad-hard plastic Dual D-type positive edge-triggered flip-flop
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEOAC74 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LEOAC74 Datasheet HTML 7Page - STMicroelectronics LEOAC74 Datasheet HTML 8Page - STMicroelectronics LEOAC74 Datasheet HTML 9Page - STMicroelectronics LEOAC74 Datasheet HTML 10Page - STMicroelectronics LEOAC74 Datasheet HTML 11Page - STMicroelectronics LEOAC74 Datasheet HTML 12Page - STMicroelectronics LEOAC74 Datasheet HTML 13Page - STMicroelectronics LEOAC74 Datasheet HTML 14Page - STMicroelectronics LEOAC74 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
TSSOP-20 package information
Figure 6. TSSOP-20 Mechanical drawing
Table 6. TSSOP-20 package mechanical data
Symbol
Milimeters
Inches(1)
Min.
Typ.
Max.
Min
Typ
Max
A
1.2
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.8
1
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
c
0.09
0.20
0.004
D
6.4
6.5
6.6
0.252
0.256
0.260
E
6.2
6.4
6.6
0.244
0.252
0.260
E1
4.3
4.4
4.48
0.169
0.173
0.176
e
0.65 BSC
0.0256 BSC
K
0°
8°
0°
8°
L
0.45
0.60
0.75
0.018
0.024
0.030
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Note:
TSSOP: Thin-Shrink Small Outline Package, using golden bonding and Nickel/Palladium/Golden-lead-finishing.
LEOAC74
Package information
DS13861 - Rev 2
page 11/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com