Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS40A45CHY1 Datasheet (PDF) - STMicroelectronics

STPS40A45CHY1 Datasheet PDF - STMicroelectronics
Part # STPS40A45CHY1
Download  STPS40A45CHY1 Download
File Size   401.25 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 2 x 20 A - 45 V Schottky rectifier

STPS40A45CHY1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS40A45CHY1 Datasheet PDF - STMicroelectronics

Part # STPS40A45CHY1
Download  STPS40A45CHY1 Click to download

File Size   401.25 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 2 x 20 A - 45 V Schottky rectifier

STPS40A45CHY1 Datasheet (HTML) - STMicroelectronics


STPS40A45CHY1 Product details

Features
• Forward current: 2 x 20 A
• Repetitive peak reverse voltage: 45 V
• Low forward voltage drop: 0.61 V max. at 40 A / 125°
• dV/dt up to 10 kV/μs
• Monolithic dual die - common cathode
• Hermetic package
• TID and SEE characterized
• Package mass: 9.4 g
• ESCC qualified: 5106/024

Description
The STPS40A45CHR is packaged and screened to comply with the ESCC5000
specification for aerospace products. It is a dual monolithic Schottky rectifier
assembled in an TO-254AA hermetic package and characterized in total dose at high
dose rate and in single event effect to be used in aerospace applications. It is ESCC
qualified.
The complete ESCC specification for this device will be available from the European
Space Agency web site. ST will guarantee full compliance of qualified parts with the
ESCC detailed specification.




Similar Part No. - STPS40A45CHY1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHY1 STMICROELECTRONICS-STPS40A150CHY1 Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHYG STMICROELECTRONICS-STPS40A150CHYG Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS40A150CHYT STMICROELECTRONICS-STPS40A150CHYT Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
More results


Similar Description - STPS40A45CHY1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40CPQ035PBF VISHAY-40CPQ035PBF Datasheet
122Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
40CPQ050 VISHAY-40CPQ050 Datasheet
120Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080G VISHAY-40CPQ080G Datasheet
113Kb / 6P
Schottky Rectifier, 2 x 20 A
21-Aug-08
40CPQ080GPBF VISHAY-40CPQ080GPBF Datasheet
116Kb / 6P
Schottky Rectifier, 2 x 20 A
13-Aug-08
logo
STMicroelectronics
STPS1045HR STMICROELECTRONICS-STPS1045HR Datasheet
75Kb / 8P
Aerospace 2 x 10 A - 45 V Schottky rectifier
16-Jun-2010
STPS6045HR STMICROELECTRONICS-STPS6045HR Datasheet
80Kb / 8P
Aerospace 2 x 30 A - 45 V Schottky rectifier
03-Nov-2010
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com