Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STRH12P10GY1 Datasheet (PDF) - STMicroelectronics

STRH12P10GY1 Datasheet PDF - STMicroelectronics
Part # STRH12P10GY1
Download  STRH12P10GY1 Download
File Size   421.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 100 V, 12 A, P-channel Power MOSFET

STRH12P10GY1 Datasheet (PDF)

Go To PDF Page Download Datasheet
STRH12P10GY1 Datasheet PDF - STMicroelectronics

Part # STRH12P10GY1
Download  STRH12P10GY1 Click to download

File Size   421.82 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Rad-Hard 100 V, 12 A, P-channel Power MOSFET

STRH12P10GY1 Datasheet (HTML) - STMicroelectronics


STRH12P10GY1 Product details

Features
• Fast switching
• 100% avalanche tested
• Hermetic package
• 100 krad TID
• SEE radiation hardened

Description
The STRH12P10 is a P-channel Power MOSFET able to operate under severe
environment conditions and radiation exposure.
It provides high reliability performance and immunity to the total ionizing dose (TID)
and single event effects (SEE).
Qualified as per ESCC detail specification No. 5205/029 and available in TO-257AA
hermetic package, it is specifically recommended for space and harsh environment
applications and suitable for in-Satellite power conversion, motor control and power
switch circuits.
In case of discrepancies between this datasheet and the relevant agency
specification, the latter takes precedence.




Similar Part No. - STRH12P10GY1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STRH12P10ESY1 STMICROELECTRONICS-STRH12P10ESY1 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
STRH12P10ESY3 STMICROELECTRONICS-STRH12P10ESY3 Datasheet
411Kb / 12P
Fast switching
19-Mar-2007
More results


Similar Description - STRH12P10GY1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
JANSR2N7403 INTERSIL-JANSR2N7403 Datasheet
45Kb / 8P
22A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7404 INTERSIL-JANSR2N7404 Datasheet
45Kb / 8P
15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
JANSR2N7411 INTERSIL-JANSR2N7411 Datasheet
45Kb / 8P
2.5A, -100V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFET
June 1998
logo
STMicroelectronics
STRH8N10 STMICROELECTRONICS-STRH8N10 Datasheet
501Kb / 18P
Rad-Hard N-channel 100 V, 6 A Power MOSFET
09-Nov-2011
STRH40N6 STMICROELECTRONICS-STRH40N6 Datasheet
444Kb / 16P
Rad-Hard N-channel 60 V, 30 A Power MOSFET
03-Oct-2012
STRH40P10 STMICROELECTRONICS-STRH40P10 Datasheet
405Kb / 18P
Rad-Hard P-channel 100 V, 34 A Power MOSFET
09-Nov-2011
STRH100N6 STMICROELECTRONICS-STRH100N6 Datasheet
408Kb / 18P
Rad-Hard N-channel, 60 V, 80 A Power MOSFET
09-Nov-2011
STRH100N10 STMICROELECTRONICS-STRH100N10 Datasheet
474Kb / 17P
Rad-Hard 100 V, 48 A N-channel Power MOSFET
09-Nov-2011
logo
Sensitron
SRADM1006 SENSITRON-SRADM1006 Datasheet
152Kb / 2P
HERMETIC RAD HARD POWER MOSFET
SRADM1008 SENSITRON-SRADM1008 Datasheet
153Kb / 2P
HERMETIC RAD HARD POWER MOSFET
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com