Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54ACT3301 Datasheet (PDF) - Silicon Supplies

54ACT3301 Datasheet PDF - Silicon Supplies
Part # 54ACT3301
Download  54ACT3301 Download
File Size   1278.02 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS Clock Generator

54ACT3301 Datasheet (PDF)

Go To PDF Page Download Datasheet
54ACT3301 Datasheet PDF - Silicon Supplies

Part # 54ACT3301
Download  54ACT3301 Click to download

File Size   1278.02 Kbytes
Page   10 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description CMOS Clock Generator

54ACT3301 Datasheet (HTML) - Silicon Supplies


54ACT3301 Product details

Monolithic crystal controlled CMOS oscillator in bare die form

Description
The 54ACT3301 is a crystal controlled CMOS
oscillator requiring a minimum of external components
and is designed for Clock Generation and Support
applications up to 110 MHz. The device is highly
versatile, providing selectable output divide ratios,
multiple crystal drive levels and selectable rise and fall
timing options. The circuit is designed to operate over
a wide frequency range using fundamental model or
overtone crystals. The device is a direct electrical and
mechanical replacement for the obsolete 54ACT3301
produced by National Semiconductor.

Features
Crystal frequency operation range:
fundamental: 10 MHz to 100 MHz typical
3rd or 5th overtone: 10 MHz to 85 MHz
Programmable oscillator drive
Selectable fast output edge rates
Output symmetry circuit to adjust 50% duty cycle
point between CMOS and TTL levels
Output current drive of 48 mA for IOL/IOH
Output has high speed short circuit protection
Basic oscillator type: Pierce




Similar Part No. - 54ACT3301

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
Monolithic crystal controlled CMOS oscillator in bare die f o r m
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301 Datasheet
423Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
54ACT3301 SS-54ACT3301_V02 Datasheet
423Kb / 10P
CMOS Clock Generator
Rev 1.1 06/05/19
More results


Similar Description - 54ACT3301

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
logo
List of Unclassifed Man...
UM82C94 ETC-UM82C94 Datasheet
282Kb / 1P
CMOS CLOCK GENERATOR & DRIVER
logo
Intersil Corporation
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
logo
Silicon Laboratories
SI5350A-B SILABS-SI5350A-B Datasheet
1Mb / 29P
FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR
logo
Renesas Technology Corp
82C84A RENESAS-82C84A Datasheet
596Kb / 13P
CMOS Clock Generator Driver
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com