Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C85 Datasheet (PDF) - Intersil Corporation

82C85 Datasheet PDF - Intersil Corporation
Part # 82C85
Download  82C85 Download
File Size   363.74 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Static Clock Controller/Generator

82C85 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C85 Datasheet PDF - Intersil Corporation

Part # 82C85
Download  82C85 Click to download

File Size   363.74 Kbytes
Page   21 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS Static Clock Controller/Generator

82C85 Datasheet (HTML) - Intersil Corporation


82C85 Product details

Description

The Intersil 82C85 Static CMOS Clock Controller/Generator provides complete control of static CMOS system operating modes and supports full speed, slow, stop-clock and stop-oscillator operation. While directly compatible with the Intersil 80C86 and 80C88 16-bit Static CMOS Microproces sor Family, the 82C85 can also be used for general system clock control.



Features

• Generates the System Clock For CMOS or NMOS Microprocessors and Peripherals

• Complete Control Over System Operation for Very Low System Power

   - Stop-Oscillator

   - Low Frequency

   - Stop-Clock

   - Full Speed Operation

• DC to 25MHz Operation (DC to 8MHz System Clock)

• Generates 50% and 33% Duty Cycle Clocks (Synchronized)

• Uses a Parallel Mode Crystal Circuit or External Frequency Source

• TTL Compatible Inputs/Outputs

• 24 Lead Slimline Dual-In-Line or 28 Pad Square LCC Package Options

• Single 5V Power Supply

• Operating Temperature Range

   - C82C85 . . . . . . . . . . . . . . . . . . . . . . . . . .0°C to +70°C

   - I82C85 . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C

   - M82C85 . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125



 




Similar Part No. - 82C85

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results


Similar Description - 82C85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
Radiation Hardened CMOS Static Clock Controller/Generator
August 2000
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com