Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-82C85RH Datasheet (PDF) - Renesas Technology Corp

HS-82C85RH Datasheet PDF - Renesas Technology Corp
Part # HS-82C85RH
Download  HS-82C85RH Download
File Size   549.95 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Static Clock Controller/Generator

HS-82C85RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-82C85RH Datasheet PDF - Renesas Technology Corp

Part # HS-82C85RH
Download  HS-82C85RH Click to download

File Size   549.95 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened CMOS Static Clock Controller/Generator

HS-82C85RH Datasheet (HTML) - Renesas Technology Corp


HS-82C85RH Product details

Features
• Electrically Screened to SMD # 5962-95820
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened
- Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
- Latch Up Free EPI-CMOS
• Very Low Power Consumption
• Pin Compatible with NMOS 8285 and Intersil 82C85
• Generates System Clocks for Microprocessors and
Peripherals
• Complete Control Over System Clock Operation for Very
Low System Power
- Stop-Oscillator
- Stop-Clock
- Low Frequency (Slo) Mode
- Full Speed Operation
• DC to 15MHz Operation (DC to 5MHz System Clock)
• Generates Both 50% and 33% Duty Cycle Clocks
(Synchronized)
• Uses Either Parallel Mode Crystal Circuit or External
Frequency Source
• Hardened Field, Self-Aligned, Junction Isolated CMOS
Process
• Single 5V Supply
• Military Temperature Range . . . . . . . . . . .-55°C to +125°C




Similar Part No. - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
Radiation Hardened CMOS Static Clock Controller/Generator
August 2000
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
More results


Similar Description - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
1995 08
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 1995
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
Radiation Hardened CMOS Static Clock Controller/Generator
August 2000
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
August 2000
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com