Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C85 Datasheet (PDF) - Renesas Technology Corp

82C85 Datasheet PDF - Renesas Technology Corp
Part # 82C85
Download  82C85 Download
File Size   978.3 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static Clock Controller/Generator

82C85 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C85 Datasheet PDF - Renesas Technology Corp

Part # 82C85
Download  82C85 Click to download

File Size   978.3 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static Clock Controller/Generator

82C85 Datasheet (HTML) - Renesas Technology Corp


82C85 Product details

Features
• Generates the System Clock For CMOS or NMOS
Microprocessors and Peripherals
• Complete Control Over System Operation for Very
Low System Power
- Stop-Oscillator
- Low Frequency
- Stop-Clock
- Full Speed Operation
• DC to 25MHz Operation (DC to 8MHz System Clock)
• Generates 50% and 33% Duty Cycle Clocks
(Synchronized)
• Uses a Parallel Mode Crystal Circuit or External
Frequency Source
• TTL Compatible Inputs/Outputs
• 24 Lead Slimline Dual-In-Line or 28 Pad Square LCC
Package Options
• Single 5V Power Supply
• Operating Temperature Range
- C82C85. . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC
- I82C85 . . . . . . . . . . . . . . . . . . . . . . . . .-40oC to +85oC
- M82C85 . . . . . . . . . . . . . . . . . . . . . . .-55oC to +125oC

Description
The Intersil 82C85 Static CMOS Clock Controller/Generator provides complete control of static CMOS system operating modes and supports full speed, slow, stop-clock and
stop-oscillator operation. While directly compatible with the
Intersil 80C86 and 80C88 16-bit Static CMOS Microprocessor Family, the 82C85 can also be used for general system
clock control.
For static system designs, separate signals are provided on
the 82C85 for stop (S0, S1, S2/STOP) and start (START)
control of the crystal oscillator and system clocks. A single
control line (SLO/FST) determines 82C85 fast (crystal/EFI
frequency divided by 3) or slow (crystal/EFI frequency
divided by 768) mode operation. Automatic maximum
mode 80C86 and 80C88 software HALT instruction decode
logic in the 82C85 enables software-based clock control.
Restart logic insures valid clock start-up and complete synchronization of system clocks.
The 82C85 is manufactured using the Intersil advanced
Scaled SAJI IV CMOS process. In addition to clock control
circuitry, the 82C85 also contains a crystal controlled
oscillator (up to 25MHz), clock generation logic, complete
“Ready” synchronization and reset logic. This permits the
designer to tailor the system power-performance product to
provide optimum performance at low power levels




Similar Part No. - 82C85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
More results


Similar Description - 82C85

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C84A INTERSIL-82C84A Datasheet
89Kb / 10P
CMOS Clock Generator Driver
March 1997
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
189Kb / 16P
Radiation Hardened CMOS Static Clock Controller/Generator
August 2000
82C84A INTERSIL-82C84A_05 Datasheet
290Kb / 11P
CMOS Clock Generator Driver
December 6, 2005
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Silicon Supplies
54ACT3301 SS-54ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
74ACT3301 SS-74ACT3301 Datasheet
1Mb / 10P
CMOS Clock Generator
54ACT3301 SS-54ACT3301_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
CGS3311 SS-CGS3311_V01 Datasheet
1Mb / 10P
CMOS Clock Generator
Rev 1.2 16/09/22
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com