Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HS-82C85RH Datasheet (PDF) - Intersil Corporation

HS-82C85RH Datasheet PDF - Intersil Corporation
Part # HS-82C85RH
Download  HS-82C85RH Download
File Size   189.84 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Static Clock Controller/Generator

HS-82C85RH Datasheet (PDF)

Go To PDF Page Download Datasheet
HS-82C85RH Datasheet PDF - Intersil Corporation

Part # HS-82C85RH
Download  HS-82C85RH Click to download

File Size   189.84 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Radiation Hardened CMOS Static Clock Controller/Generator

HS-82C85RH Datasheet (HTML) - Intersil Corporation


HS-82C85RH Product details

The Intersil HS-82C85RH is a high performance, radiation hardened CMOS Clock Controller/Generator designed to support systems utilizing radiation hardened static CMOS microprocessors such as the HS-80C86RH. The HS-82C85RH contains a crystal controlled oscillator, reset pulse conditioning, halt/restart logic, and divide-by-256 circuitry. These features provide the means to stop the system clock, stop the clock oscillator, or run the system at a low frequency (CLK/256), enhancing control of static system power dissipation and allowing system shut-down during periods of external stress.

Features
• Electrically Screened to SMD # 5962-95820
• QML Qualified per MIL-PRF-38535 Requirements
• Radiation Hardened
    - Total Dose. . . . . . . . . . . . . . . . . . . . . 100 krad(Si) (Max)
    - Transient Upset . . . . . . . . . . . . . . . . . . . .>108 rad(Si)/s
    - Latch Up Free EPI-CMOS
• Very Low Power Consumption
• Pin Compatible with NMOS 8285 and Intersil 82C85
• Generates System Clocks for Microprocessors and Peripherals
• Complete Control Over System Clock Operation for Very Low System Power
    - Stop-Oscillator
    - Stop-Clock
    - Low Frequency (Slo) Mode
    - Full Speed Operation
• DC to 15MHz Operation (DC to 5MHz System Clock)
• Generates Both 50% and 33% Duty Cycle Clocks (Synchronized)
• Uses Either Parallel Mode Crystal Circuit or External Frequency Source
• Hardened Field, Self-Aligned, Junction Isolated CMOS Process
• Single 5V Supply
• Military Temperature Range . . . . . . . . . . .-55°C to +125°C




Similar Part No. - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Renesas Technology Corp
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
logo
Intersil Corporation
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
More results


Similar Description - HS-82C85RH

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C85 INTERSIL-82C85 Datasheet
363Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
Radiation Hardened CMOS Analog Switches
September 1995
HS-65647RH INTERSIL-HS-65647RH Datasheet
110Kb / 16P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
1995 08
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 1995
logo
Harris Corporation
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
HS-65647RH INTERSIL-HS-65647RH_00 Datasheet
128Kb / 8P
Radiation Hardened 8K x 8 SOS CMOS Static RAM
August 2000
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
HS-82C85RH INTERSIL-HS-82C85RH_07 Datasheet
381Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
April 20, 2007
logo
Renesas Technology Corp
82C85 RENESAS-82C85 Datasheet
978Kb / 21P
CMOS Static Clock Controller/Generator
March 1997
HS-82C85RH RENESAS-HS-82C85RH Datasheet
549Kb / 18P
Radiation Hardened CMOS Static Clock Controller/Generator
Apr 6, 2012
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com