Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPRDC02 Datasheet (PDF) - STMicroelectronics

STPRDC02 Datasheet PDF - STMicroelectronics
Part # STPRDC02
Download  STPRDC02 Download
File Size   92.06 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance high voltage full-bridge driver

STPRDC02 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPRDC02 Datasheet PDF - STMicroelectronics

Part # STPRDC02
Download  STPRDC02 Click to download

File Size   92.06 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High performance high voltage full-bridge driver

STPRDC02 Datasheet (HTML) - STMicroelectronics


STPRDC02 Product details

Features
• 60 V full-bridge driver for N-Channel MOSFETs
• Adjustable dead-time control
• 2 A sink/source current
• Operating frequency up to 1 MHz
• Enable input
• Programmable overcurrent-protection
• VFQFPN, 4x4 mm package

Description
The STPRDC02 is a 60 V, high-voltage, full-bridge MOSFET driver IC to implement a
control scheme specific to primary-side in STVCOT™-based resonant / non-resonant
converters. It provides four high-current gate drive outputs, each capable of driving
one or more N-channel Power MOSFETs.
The device features programmable dead-time control to optimize MOSFETs
switching and reduce losses in order to optimize the overall efficiency.
Two PWM inputs control the two half-bridge sections independently. EN pin, when
low, forces all the gate drive to low regardless of the PWMs status implementing an
HiZ.
Overcurrent protection is programmable and senses through a common shunt
resistance to be connected in series to the Low-Side power MOSFETs.
The STPRDC02 is available in VFQFPN, 4x4 mm package with exposed pad.

Application
• High current high performance Step-Down conversion




Similar Part No. - STPRDC02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results


Similar Description - STPRDC02

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK1900 MSK-MSK1900 Datasheet
254Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK1911 MSK-MSK1911 Datasheet
197Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
MSK645 MSK-MSK645 Datasheet
222Kb / 6P
HIGH PERFORMANCE, HIGH VOLTAGE VIDEO DISPLAY DRIVER
logo
Toshiba Semiconductor
TA8428K TOSHIBA-TA8428K_07 Datasheet
324Kb / 14P
FULL BRIDGE DRIVER
logo
Sanken electric
SLA2402M SANKEN-SLA2402M Datasheet
57Kb / 3P
High Voltage Full Bridge Drive ICs
logo
Mitsubishi Electric Sem...
M81713FP MITSUBISHI-M81713FP_09 Datasheet
78Kb / 5P
HIGH VOLTAGE HALF BRIDGE DRIVER
logo
Sanken electric
SLA2402MS SANKEN-SLA2402MS Datasheet
837Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
PWD5F60 STMICROELECTRONICS-PWD5F60 Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com