Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet (PDF) - STMicroelectronics

PWD5F60 Datasheet PDF - STMicroelectronics
Part # PWD5F60
Download  PWD5F60 Download
File Size   732.34 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High density power driver - high voltage full bridge with integrated comparators

PWD5F60 Datasheet (PDF)

Go To PDF Page Download Datasheet
PWD5F60 Datasheet PDF - STMicroelectronics

Part # PWD5F60
Download  PWD5F60 Click to download

File Size   732.34 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High density power driver - high voltage full bridge with integrated comparators

PWD5F60 Datasheet (HTML) - STMicroelectronics


PWD5F60 Product details

Features
• Power system-in-package integrating gate drivers and high-voltage power
MOSFETs
– RDS(ON) = 1.38 Ω
– BVDSS = 600 V
• Suitable for operating as
– full bridge
– dual independent half bridges
• UVLO protection on low-side and high-side
• 3.3 V to 15 V compatible inputs with hysteresis and pull-down
• Internal bootstrap diode
• Uncommitted comparators
• Adjustable dead-time
• Bill of material reduction
• Very compact and simplified layout
• Flexible, easy and fast design

Description
The PWD5F60 is an advanced power system-in package integrating gate drivers and
four N-channel power MOSFETs in dual half-bridge configuration.
The integrated power MOSFETs have RDS(ON) of 1.38 Ω and 600 V drain-source
breakdown voltage, while the embedded gate drivers high side can be easily
supplied by the integrated bootstrap diode. The high integration of the device allows
to efficiently drive loads in a tiny space.
The PWD5F60 accepts a supply voltage (VCC) extending over a wide range (10 V to
20 V) and also features UVLO protection on both the lower and upper driving
sections, preventing the power switches from operating in low efficiency or
dangerous conditions.
The input pins extended range allows easy interfacing with microcontrollers, DSP
units or Hall effect sensors.
The PWD5F60 embeds two uncommitted comparators available for protections
against overcurrent, overtemperature, etc.
The PWD5F60 operates in the industrial temperature range, -40 °C to 125 °C.
The device is available in a compact VFQFPN package.

Applications
• Industrial fans and pumps
• Cooking hoods and gas heaters
• Blowers
• Industrial drives and factory automation
• Power supply units




Similar Part No. - PWD5F60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PWD5T60 STMICROELECTRONICS-PWD5T60 Datasheet
1Mb / 27P
Compact high-voltage three-phase power stage with integrated gate driver
18-Jun-2024
PWD5T60TR STMICROELECTRONICS-PWD5T60TR Datasheet
1Mb / 27P
Compact high-voltage three-phase power stage with integrated gate driver
18-Jun-2024
More results


Similar Description - PWD5F60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS24531DSTRPBF IRF-IRS24531DSTRPBF Datasheet
362Kb / 18P
Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D_15 Datasheet
540Kb / 18P
Integrated 600 V full-bridge gate driver
IRS2453D IRF-IRS2453D_16 Datasheet
509Kb / 18P
Integrated 600 V full-bridge gate driver
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
logo
Infineon Technologies A...
IFX007T INFINEON-IFX007T Datasheet
1Mb / 25P
High Current PN Half Bridge with Integrated Driver
Rev. 1.0 2018-09-11
IRS2453 INFINEON-IRS2453 Datasheet
514Kb / 18P
Integrated 600 V full-bridge gate driver
April 27, 2016
BTN9970LV INFINEON-BTN9970LV Datasheet
680Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
BTN9990LV INFINEON-BTN9990LV Datasheet
681Kb / 33P
High current PN half-bridge with integrated driver
Rev. 1.0 2021-10-12
logo
STMicroelectronics
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
STPRDC02A STMICROELECTRONICS-STPRDC02A Datasheet
82Kb / 3P
High-voltage full-bridge driver with high impedance management and ZVD output
11-Feb-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com