Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics PWD5F60 Datasheet HTML 10Page - STMicroelectronics PWD5F60 Datasheet HTML 11Page - STMicroelectronics PWD5F60 Datasheet HTML 12Page - STMicroelectronics PWD5F60 Datasheet HTML 13Page - STMicroelectronics PWD5F60 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
5
Device characterization values
Table 7., Table 8. and the electrical characteristics curves (from Figure 6. to Figure 15.) represent typical values
based on characterization and simulation results and are not subject to production tests.
Table 7. Power MOSFET characterization values
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
MOSFET Dynamic
Qg
Total gate charge
VGS = 10 V, TJ = 25 °C
VDS = 480 V, ID = 3.5 A
-
5.3
-
nC
Source-Drain diode
trr
Diode reverse recovery time
ISD = 3.5 A, TJ = 25 °C
di/dt = 100 A/µs,
VDS = 60 V
-
58
-
ns
Qrr
Diode reverse recovery charge
-
109
-
µC
IRRM
Diode reverse recovery current
-
4
-
A
trr
Diode reverse recovery time
ISD = 3.5 A, TJ = 150 °C
di/dt = 100 A/µs,
VDS = 60 V
-
109
-
ns
Qrr
Diode reverse recovery charge
-
309
-
µC
IRRM
Diode reverse recovery current
-
5
-
A
Table 8. Inductive load switching characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
t(on) (1)
Turn-on time
VS = 300 V,
VCC = VBO = 15 V,
ID = 1.75 A
See Figure 5.
-
450
-
ns
tC(on) (2)
Crossover time (on)
-
67
-
ns
t(off) (1)
Turn-off time
-
171
-
ns
tC(off) (2)
Crossover time (off)
-
25
-
ns
tSD
Shutdown to high/low-side propagation delay
-
165
-
ns
Eon
Turn-on switching losses
-
51
-
µJ
Eoff
Turn-off switching losses
-
3
-
µJ
1. t(on) and t(off) include the propagation delay time of the internal driver
2. tC(on) and tC(off) are the switching times of MOSFET itself under the internally given gate driving conditions
PWD5F60
Device characterization values
DS12543 - Rev 1
page 10/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com