Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 16Page - STMicroelectronics PWD5F60 Datasheet HTML 17Page - STMicroelectronics PWD5F60 Datasheet HTML 18Page - STMicroelectronics PWD5F60 Datasheet HTML 19Page - STMicroelectronics PWD5F60 Datasheet HTML 20Page - STMicroelectronics PWD5F60 Datasheet HTML 21Page - STMicroelectronics PWD5F60 Datasheet HTML 22Page - STMicroelectronics PWD5F60 Datasheet HTML 23Page - STMicroelectronics PWD5F60 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Symbol
Dimensions (mm)
Min.
Typ.
Max.
D2
1.89
1.99
2.09
D3
5.10
D4
1.70
1.86
1.90
D5
1.945
D6
0.50
0.60
0.70
D7
8.30
D8
2.17
2.27
2.37
D9
0.70
0.80
0.90
D10
0.85
0.95
1.05
D11
2.985
D12
4.01
D13
2.85
D14
0.20
0.345
0.40
E1
0.90
1.00
1.10
E2
1.455
E3
3.13
3.23
3.33
E4
0.505
0.605
0.705
E5
2.75
2.85
2.95
E6
3.70
3.80
3.90
L
0.40
0.50
0.60
e
0.65
R1
0.33
R2
0.20
R3
0.15
aaa
0.10
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
Note:
•
VFQFPN stands for Thermally Enhanced Very thin Fine pitch Quad Flat Packages No lead.
•
Dimensioning and tolerances comply with ASME Y14.5-2009.
•
All dimensions are in millimetres.
•
A variable pitch is applied on leads. Please refer to Figure 20. for lead position details.
•
The leads size is comprehensive of the thickness of the leads finishing material.
•
Dimensions do not include mold protrusion, not to exceed 0.15 mm.
•
Package outline does not include eventual metal burr dimensions.
PWD5F60
VFQFPN 15 x 7 x 1 mm package information
DS12543 - Rev 1
page 20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com