Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 15 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 11Page - STMicroelectronics PWD5F60 Datasheet HTML 12Page - STMicroelectronics PWD5F60 Datasheet HTML 13Page - STMicroelectronics PWD5F60 Datasheet HTML 14Page - STMicroelectronics PWD5F60 Datasheet HTML 15Page - STMicroelectronics PWD5F60 Datasheet HTML 16Page - STMicroelectronics PWD5F60 Datasheet HTML 17Page - STMicroelectronics PWD5F60 Datasheet HTML 18Page - STMicroelectronics PWD5F60 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
6.3
Supply pins and UVLO function
The VCCx supply pin supplies current to the low-side section of the gate driver and to the integrated bootstrap
diode used to charge the bootstrap capacitor. During output commutations, the average current used to provide
gate charge to the high-side and low-side MOSFETs flow through these pins.
The VCC1 and VCC2 pins separately supply power to the two drivers, even if they are usually connected together
at the power supply in final applications.
The PWD5F60 VCCx supply voltage is continuously monitored by undervoltage lockout (UVLO) circuits that turn
the high-side and low-side MOSFETs off when the supply voltage falls below the VCC_thOFF threshold. The VCCx
UVLO circuitry turns on the high-side or low-side MOSFET according to the input status as soon as the supply
voltage rises above the VCC_thON voltage. VCC_hys hysteresis is provided for noise rejection purposes.
Two separate UVLO circuits monitor VCC1 and VCC2 so that when a UVLO occurs on a single rail, only the
corresponding half bridge MOSFETs are turned off.
The PWD5F60 VBO supply voltages are also continuously monitored by two dedicated VBO UVLO circuits that
turn the corresponding high-side MOSFET off when the supply voltage falls below the VBO_thOFF threshold. The
UVLO circuitry allows turning the high-side MOSFET on again, according to input edges, as soon as the VBO
supply voltage rises above the VBO_thON voltage. A VBO_hys hysteresis is provided for noise rejection purposes.
6.4
Dead time
The PWD5F60 automatically inserts a DT dead time on each half bridge. This avoids shoot-through as a
MOSFET gate discharges completely before charging starts on the other MOSFET gate.
The DT value is set by the resistor placed between the DTx pin and GNDx, as shown in Figure 4..
The minimum dead time value set with a 0 Ω resistor is normally sufficient to avoid shoot-through between high
side and low side.
Some applications, like those operating with soft turn-on commutations at low current seeking maximum
efficiency, might benefit from a longer dead time. The PWD5F60 lets you set the dead time for each half bridge for
maximum flexibility.
PWD5F60
Supply pins and UVLO function
DS12543 - Rev 1
page 15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com