Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 8 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 4Page - STMicroelectronics PWD5F60 Datasheet HTML 5Page - STMicroelectronics PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics PWD5F60 Datasheet HTML 10Page - STMicroelectronics PWD5F60 Datasheet HTML 11Page - STMicroelectronics PWD5F60 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Symbol
Pin
Parameter
Test condition
Min. Typ. Max Unit
td_comp
CP+x to CPOUTx
Comparator delay
Rpu = 100 kΩ to 5 V
VCP- = 0.5 V;
Voltage step on CP+ = 0 to 3.3 V;
50% CP+ to 90% CPOUT
-
90
130
ns
IOD
CPOUTx
Open-drain low level sink
current
CPOUT = 400 mV,
VCP+ = 1 V, VCP- = 0.5 V
2.4
-
-
mA
IODlk
Open-drain leakage current
CPOUT = 15 V,
VCP+ = 0 V, VCP- = 0.5 V
-
-
1
µA
SRCPOUT CPOUTx
Comparator output slew rate
CL = 180 pF
Rpu = 5 kΩ to 5 V
CPOUT from 90% to 10%
-
60
-
V/µs
Dead time
DT
DTx
Dead time setting range .(3)
RDT = 0
0.1 0.18 0.25
µs
RDT = 37 kΩ, CDT = 100 nF
0.48 0.6
0.72
RDT = 136 kΩ, CDT = 100 nF
1.35 1.6
1.85
RDT = 260 kΩ, CDT = 100 nF
2.6
3.0
3.4
MDT
Matching dead time (3) (4)
RDT = 0
-
-
80
ns
RDT = 37 kΩ, CDT = 100 nF
-
-
120
RDT = 136 kΩ, CDT = 100 nF
-
-
250
RDT = 260 kΩ, CDT = 100 nF
-
-
400
1. RBD(on) is tested in the following way: RBD(on) = [(VCC - VBOOTa) - (VCC - VBOOTb)] / [Ia - Ib], where: Ia is BOOT pin current
when VBOOT = VBOOTa; Ib is BOOT pin current when VBOOT = VBOOTb.
2. The comparator is disabled when VCC is in UVLO condition.
3. Tested at wafer level before packaging
4. MDT = | DTLH – DTHL |.
PWD5F60
Driver
DS12543 - Rev 1
page 8/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com