Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 14 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button PWD5F60 Datasheet HTML 10Page - STMicroelectronics PWD5F60 Datasheet HTML 11Page - STMicroelectronics PWD5F60 Datasheet HTML 12Page - STMicroelectronics PWD5F60 Datasheet HTML 13Page - STMicroelectronics PWD5F60 Datasheet HTML 14Page - STMicroelectronics PWD5F60 Datasheet HTML 15Page - STMicroelectronics PWD5F60 Datasheet HTML 16Page - STMicroelectronics PWD5F60 Datasheet HTML 17Page - STMicroelectronics PWD5F60 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
6
Functional description
6.1
Logic inputs
The PWD5F60 full bridge features two identical half-bridge sections. Each section has three logic inputs to control
the internal high-side and low-side MOSFETs.
Table 9. Truth table
Inputs
Outputs
SD
IN
PWM
HS
LS
0
X
X
OFF
OFF
1
0
0
OFF
ON
1
0
1
OFF
ON
1
1
0
OFF
ON
1
1
1
ON
OFF
The logic inputs have internal pull-down resistors. The purpose of these resistors is to set a defined logic level if,
for example, there is an interruption on the logic lines or the controller outputs are in tri-state conditions.
6.2
Bootstrap structure
Bootstrap circuitry is typically used to supply the high-voltage section. This function is normally accomplished with
a high-voltage fast recovery diode, as shown in Figure 16. (side a).
In the PWD5F60, a patented integrated structure replaces the external diode. The structure consists of a series of
low-voltage diodes and a high-voltage DMOS, driven synchronously by the low-side driver (LVG), as shown in
Figure 16. (side b). An internal bootstrap provides the DMOS driving voltage. The integrated diode structure is
actively turned on and guarantees best performance only when the low-side driver is on.
In applications where the control strategy requires recharging the bootstrap capacitor even when the low-side
driver is off, the use of an external bootstrap diode in parallel to the integrated structure is possible.
Figure 16. Bootstrap structure
b
DBOOT
a
VCC
HVG
LVG
BOOT
VS
VCC
CBOOT
OUT
TO LOAD
HVG
LVG
BOOT
VS
CBOOT
OUT
TO LOAD
PWD5F60
Functional description
DS12543 - Rev 1
page 14/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com