Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 5 Page - STMicroelectronics

  PWD5F60 Datasheet HTML 1Page - STMicroelectronics PWD5F60 Datasheet HTML 2Page - STMicroelectronics PWD5F60 Datasheet HTML 3Page - STMicroelectronics PWD5F60 Datasheet HTML 4Page - STMicroelectronics PWD5F60 Datasheet HTML 5Page - STMicroelectronics PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Test Condition
Value
Unit
VDS
MOSFET Drain-to-Source Voltage
TJ = 25 °C
600
V
VCC1, VCC2
Drivers supply voltage
-
-0.3 to 20
V
VCCx-SENSEx VCCx to SENSEx pin voltage
-
-0.3 to 25
V
VBOOTx
Bootstrap voltage
-
GNDx-0.3 to 600
V
VBO1, VBO2
BOOTx to OUTx pin voltage
-
-0.3 to 20
V
VCP+x, VCP-x
Comparator input pin voltage
-
-0.3 to VCCx+0.3
V
VCPOUTx
Comparator open-drain output voltage
-
-0.3 to 15
V
ID
Drain current (per MOSFET)
DC @ TCB = 25 °C (1)
3.5
A
DC @ TCB = 100 °C(1) (2)
2
A
Peak @ TCB = 25 °C(1) (2) (3)
14
A
SROUT
Full-bridge outputs slew rate (10% - 90%) (2)
40
V/ns
Vi
Logic inputs voltage range
-
-0.3 to 15
V
TJ
Junction temperature
-
-40 to 150
°C
Ts
Storage temperature
-
-40 to 150
°C
Ptot
Total power dissipation (4)
TCB = 25 °C for each MOSFET
43
W
Tamb = 25 °C, whole device, device
mounted on an FR4 2s2p board as per
JESD51-5,7. See Table 4.. (5)
5
W
ESD
Human body model
-
±1500
V
Charged device model
-
±500
V
1. TCB is temperature of case bottom pad.
2. Characterized, not tested in production.
3. The value specified by design factor, pulse duration limited by max junction temperature and SOA.
4. Value calculated based on thermal resistance, power uniformly distributed over the four power MOSFETs, still air.
5. Actual applicative board max dissipation could be higher or lower depending on layout and cooling techniques.
3.2
Recommended operating conditions
Table 3. Recommended operating conditions
Symbol
Pin
Parameter
Test Condition
Min.
Max.
Unit
VCC1, VCC2
VCCx -GNDx
Driver Supply voltage
-
10
20
V
VBO1, VBO2
BOOTx -OUTx
BOOTx to OUTx pin voltage
-
9.8
20
V
VCP-x
CP-x
Comparator negative input voltage
VCP+ ≤ 2.5 V
-
VCCx (1)
V
PWD5F60
Electrical data
DS12543 - Rev 1
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com