Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PWD5F60 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PWD5F60
Description  High density power driver - high voltage full bridge with integrated comparators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD5F60 Datasheet(HTML) 4 Page - STMicroelectronics

  PWD5F60 Datasheet HTML 1Page - STMicroelectronics PWD5F60 Datasheet HTML 2Page - STMicroelectronics PWD5F60 Datasheet HTML 3Page - STMicroelectronics PWD5F60 Datasheet HTML 4Page - STMicroelectronics PWD5F60 Datasheet HTML 5Page - STMicroelectronics PWD5F60 Datasheet HTML 6Page - STMicroelectronics PWD5F60 Datasheet HTML 7Page - STMicroelectronics PWD5F60 Datasheet HTML 8Page - STMicroelectronics PWD5F60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
2.1
Pin list
Table 1. Pin description
Pin number
Pin name
Type
Function
9, 10, 11, 31, 32, 33, EPAD3,
EPAD6
VS
Power Supply High voltage supply (high-side MOSFET Drain)(1)
27, 28, 29, 30, EPAD5
OUT1
Power Output Half-bridge 1 output
5, 6, 7, 8, EPAD2
OUT2
Power Output Half-bridge 2 output
12
OUTB1
Power supply Half-bridge 1 output connection for high-side supply capacitor (2)
34
OUTB2
Power supply Half-bridge 2 output connection for high-side supply capacitor (3)
25
SENSE1 Power Supply Half-bridge 1 sense (low-side MOSFET Source)
3
SENSE2 Power Supply Half-bridge 2 sense (low-side MOSFET Source)
13
BOOT1
Power Supply Gate driver 1 high-side supply voltage
35
BOOT2
Power Supply Gate driver 2 high-side supply voltage
18
VCC1
Power Supply Gate driver 1 supply voltage
42
VCC2
Power Supply Gate driver 1 supply voltage
16, 22, 26, EPAD4
GND1
Power Supply Gate driver 1 ground
4, 40, 46, EPAD1
GND2
Power Supply Gate driver 2 ground
14
IN1
Logic Input
Driver 1 logic input
37
IN2
Logic Input
Driver 2 logic input
15
SD1
Logic Input
Driver 1 shut down input (active low)
38
SD2
Logic Input
Driver 2 shut down input (active low)
17
PWM1
Logic Input
Driver 1 PWM input
41
PWM2
Logic Input
Driver 2 PWM input
19
DT1
Input
Driver 1 dead time setting
43
DT2
Input
Driver 2 dead time setting
21
CPOUT1
Output
Comparator 1 output (open drain)
45
CPOUT2
Output
Comparator 2 output (open drain)
23
CP+1
Input
Comparator 1 positive input
1
CP+2
Input
Comparator 2 positive input
24
CP-1
Input
Comparator 1 negative input
2
CP-2
Input
Comparator 2 negative input
36, 39, EPAD7
reserved
Reserved
Not connected
20, 44,
NC
Reserved
Not connected
1. EPAD3 is internally connected with EPAD6. No connection is required at PCB level.
2. Pin 12 is internally connected to OUT1. No connection is required at PCB level.
3. Pin 34 is internally connected to OUT2. No connection is required at the PCB level. Use pin 34 for bootstrap capacitor
connection only.
PWD5F60
Pin list
DS12543 - Rev 1
page 4/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com