Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPRDC02A Datasheet (PDF) - STMicroelectronics

STPRDC02A Datasheet PDF - STMicroelectronics
Part # STPRDC02A
Download  STPRDC02A Download
File Size   82.62 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage full-bridge driver with high impedance management and ZVD output

STPRDC02A Datasheet (PDF)

Go To PDF Page Download Datasheet
STPRDC02A Datasheet PDF - STMicroelectronics

Part # STPRDC02A
Download  STPRDC02A Click to download

File Size   82.62 Kbytes
Page   3 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description High-voltage full-bridge driver with high impedance management and ZVD output

STPRDC02A Datasheet (HTML) - STMicroelectronics


STPRDC02A Product details

Features
• 60V full-bridge driver for N-channel MOSFETS
• Adjustable deadtime control
• High impedance management for STBuck applications
• Zero voltage detection output
• 2 A sink/source current
• Enable input
• VFQFPN, 4x4 mm package

Description
The STPRDC02A is a 60 V, high-voltage, full-bridge MOSFET driver IC that can drive
two independent half-bridges. It provides four high-current gate driver outputs, each
capable of driving one or more N-channel power MOSFETS.
The device is configurable and optimizes the driving scheme of the STBuck topology
to improve power density.
The zero voltage detection output allows to optimize STC application and to
compensate for component tolerances improving the overall cost of the application.
Two PWM inputs control the two half-bridge sections independently. EN pin low,
forces all the gate drives low regardless of the PWMs, thus implementing a HiZ.
The STPRDC02A is available in VFQFPN, 4x4 mm package with exposed pad.

Application
• High-current high performance step-down conversion
• STBuck architectures
• STC architectures




Similar Part No. - STPRDC02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
More results


Similar Description - STPRDC02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
Sanken electric
SLA2402M SANKEN-SLA2402M Datasheet
57Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
Sanken electric
SLA2402MS SANKEN-SLA2402MS Datasheet
837Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
PWD5F60 STMICROELECTRONICS-PWD5F60 Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com