Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPRDC02A Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPRDC02A
Description  High-voltage full-bridge driver with high impedance management and ZVD output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPRDC02A Datasheet(HTML) 1 Page - STMicroelectronics

  STPRDC02A Datasheet HTML 1Page - STMicroelectronics STPRDC02A Datasheet HTML 2Page - STMicroelectronics STPRDC02A Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VFQFPN 4x4 mm
Features
•
60V full-bridge driver for N-channel MOSFETS
•
Adjustable deadtime control
•
High impedance management for STBuck applications
•
Zero voltage detection output
•
2 A sink/source current
•
Enable input
•
VFQFPN, 4x4 mm package
Application
•
High-current high performance step-down conversion
•
STBuck architectures
•
STC architectures
Description
The STPRDC02A is a 60 V, high-voltage, full-bridge MOSFET driver IC that can drive
two independent half-bridges. It provides four high-current gate driver outputs, each
capable of driving one or more N-channel power MOSFETS.
The device is configurable and optimizes the driving scheme of the STBuck topology
to improve power density.
The zero voltage detection output allows to optimize STC application and to
compensate for component tolerances improving the overall cost of the application.
Two PWM inputs control the two half-bridge sections independently. EN pin low,
forces all the gate drives low regardless of the PWMs, thus implementing a HiZ.
The STPRDC02A is available in VFQFPN, 4x4 mm package with exposed pad.
Product status link
STPRDC02A
Product summary
Order code
STPRDC02ATR
Package
VFQFPN
Packing
Tape & Reel
High-voltage full-bridge driver with high impedance management and ZVD output
STPRDC02A
Data brief
DB4658 - Rev 1 - February 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPRDC02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
More results

Similar Description - STPRDC02A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6571A STMICROELECTRONICS-L6571A Datasheet
60Kb / 7P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
Sanken electric
SLA2402M SANKEN-SLA2402M Datasheet
57Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
L6569AD013TR STMICROELECTRONICS-L6569AD013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6569D013TR STMICROELECTRONICS-L6569D013TR Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
L6571AD013TR STMICROELECTRONICS-L6571AD013TR Datasheet
234Kb / 12P
High voltage half bridge driver with oscillator
15-Jan-2010
E-L6569 STMICROELECTRONICS-E-L6569 Datasheet
181Kb / 13P
HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR
Jun-2000
logo
Sanken electric
SLA2402MS SANKEN-SLA2402MS Datasheet
837Kb / 3P
High Voltage Full Bridge Drive ICs
logo
STMicroelectronics
PWD13F60 STMICROELECTRONICS-PWD13F60 Datasheet
757Kb / 26P
High-density power driver -high voltage full bridge with integrated gate driver
02-Nov-2017
STPRDC02 STMICROELECTRONICS-STPRDC02 Datasheet
92Kb / 3P
High performance high voltage full-bridge driver
02-Mar-2018
PWD5F60 STMICROELECTRONICS-PWD5F60 Datasheet
732Kb / 26P
High density power driver - high voltage full bridge with integrated comparators
03-Jul-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com