Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS75LVS Datasheet (PDF) - Maxim Integrated Products

DS75LVS Datasheet PDF - Maxim Integrated Products
Part # DS75LVS
Download  DS75LVS Download
File Size   280.33 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS75LVS Datasheet (PDF)

Go To PDF Page Download Datasheet
DS75LVS Datasheet PDF - Maxim Integrated Products

Part # DS75LVS
Download  DS75LVS Click to download

File Size   280.33 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer and Thermostat

DS75LVS Datasheet (HTML) - Maxim Integrated Products


DS75LVS Product details

General Description
The DS75LV low-voltage (1.7V to 3.7V) digital thermometer and thermostat provides 9, 10, 11, or 12-bit digital temperature readings over a -55°C to +125°C range with ±2°C accuracy over a -25°C to +100°C range. At power-up, the DS75LV defaults to 9-bit resolution for software compatibility with the LM75. Communication with the DS75LV is achieved through a simple 2-wire serial interface.

Benefts and Features
● Extend Performance Range with Low-Voltage, 1.7V to 3.7V Operating Range
● Maximize System Accuracy in Broad Range of Thermal Management Applications
    • Measures Temperature from -55°C to +125°C (-67°F to +257°F)
    • ±2°C Accuracy over a -25°C to 100°C Range
    • User-Confgurable Resolution from 9 Bits (Default) to 12 Bits (0.5°C to 0.0625°C)
● Easy Upgrade to LM75: Pin and Software Compatible
● Simplify Distributed Temperature-Sensing Applications with Multidrop Capability
    • Up to Eight DS75LVs Can Operate on 2-Wire Bus
● Increase Reliability and System Robustness
    • Internally Filtered Data Lines for Noise Immunity (50ns Deglitch)
    • Bus Timeout Feature Prevents Lockup on 2-Wire Interface
● Minimize Power Consumption with Built-In Shutdown Mode
● Flexible User-Defined Thermostatic Modes with Programmable Fault Tolerance

Applications
● Personal Computers
● Cellular Base Stations
● Offce Equipment
● Any Thermally Sensitive System




Similar Part No. - DS75LVS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS75LVS+ MAXIM-DS75LVS+ Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS75LVS+T&R MAXIM-DS75LVS+T&R Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
More results


Similar Description - DS75LVS

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
DS1621 DALLAS-DS1621 Datasheet
647Kb / 16P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com