Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LU0808DYYY Datasheet (PDF) - Lumics GmbH

LU0808DYYY Datasheet PDF - Lumics GmbH
Part # LU0808DYYY
Download  LU0808DYYY Download
File Size   928.29 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU0808Dyyy Diode Laser with up to 33 W at 808nm

LU0808DYYY Datasheet (PDF)

Go To PDF Page Download Datasheet
LU0808DYYY Datasheet PDF - Lumics GmbH

Part # LU0808DYYY
Download  LU0808DYYY Click to download

File Size   928.29 Kbytes
Page   3 Pages
Manufacturer  LUMICS [Lumics GmbH]
Direct Link  https://www.lumics.de/
Logo LUMICS - Lumics GmbH
Description LU0808Dyyy Diode Laser with up to 33 W at 808nm

LU0808DYYY Datasheet (HTML) - Lumics GmbH


LU0808DYYY Product details

Description:
The Lumics LuOcean Mini 4 diode laser series offers OEM integrators
an excellent product to manufacture state-of-the-art end-user laser
systems.
The easy integration and safe use of these laser components in combi-
nation with several accessories and features give the chance to be cost-
efficient in development and manufacturing.

Features & Functions:
Wavelength 808nm
(105/200/400/600)µm NA 0.22 fiber
Emitter electrically in series
Temperature sensor




Similar Part No. - LU0808DYYY

ManufacturerPart #DatasheetDescription
logo
Lumics GmbH
LU0808 LUMICS-LU0808 Datasheet
685Kb / 3P
LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
2018-08-20
LU0808/1470C LUMICS-LU0808/1470C Datasheet
685Kb / 3P
LU0808/1470C Diode Laser Mixed Wavelength up to 45 W @ 808 nm and 35 W @ 1470 nm
2018-08-20
LU0808C LUMICS-LU0808C Datasheet
686Kb / 3P
LU0785C and LU0808C Diode Laser Up to 110 W c.w. Operating Power @ 785 nm or 808 nm
2018-08-20
LU0808C LUMICS-LU0808C Datasheet
686Kb / 3P
LU0808C Diode Laser Up to 230 W c.w. Operating Power @ 808 nm
2018-08-20
LU0808C110 LUMICS-LU0808C110 Datasheet
686Kb / 3P
LU0785C and LU0808C Diode Laser Up to 110 W c.w. Operating Power @ 785 nm or 808 nm
2018-08-20
More results


Similar Description - LU0808DYYY

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPLLG81 OSRAM-SPLLG81 Datasheet
266Kb / 8P
SIRILAS짰 Laserdiodenarray 30 W cw bei 808nm SIRILAS짰 Laser Diode Array 30 W cw at 808nm Lead (Pb) Free Product - RoHS Compliant
SPLLG81-P OSRAM-SPLLG81-P Datasheet
240Kb / 6P
Passiv gekuhlter SIRILAS Diodenlaser 15 W cw bei 808nm Conductively cooled SIRILAS짰 Laser Diode Array 15 W cw at 808nm
logo
Lumics GmbH
LU0785DXXX-U-1 LUMICS-LU0785DXXX-U-1 Datasheet
927Kb / 3P
LU0785Dyyy Diode Laser with up to 25 W at 785nm
2020-11-04
LU0808T020-RI LUMICS-LU0808T020-RI Datasheet
261Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T020 LUMICS-LU0808T020 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 2w Operation Power @ 808nm
2018-06-14
LU0808T040 LUMICS-LU0808T040 Datasheet
264Kb / 2P
Industrial Laser Diode Up to 4w Operation Power @ 808nm
2018-06-14
LU0808T070 LUMICS-LU0808T070 Datasheet
554Kb / 2P
Industrial Laser Diode Up to 7W Operation Power @ 808nm
2018-08-14
LU09XXDXXX-U LUMICS-LU09XXDXXX-U Datasheet
927Kb / 3P
LU09xxDyyy Diode Laser with up to 70 W at 9xxnm
2020-11-04
LU1064DXXX-U LUMICS-LU1064DXXX-U Datasheet
928Kb / 3P
LU1064Dyyy Diode Laser with up to 65 W at 1064nm
2020-11-04
LU1470DXXX-U LUMICS-LU1470DXXX-U Datasheet
927Kb / 3P
LU1470Dyyy Diode Laser with up to 22 W at 1470nm
2020-11-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com