Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet (PDF) - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML6402 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd
Part # IRLML6402
Download  IRLML6402 Download
File Size   1896.55 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

IRLML6402 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRLML6402 Datasheet PDF - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML6402
Download  IRLML6402 Click to download

File Size   1896.55 Kbytes
Page   5 Pages
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd
Description -20V P-Channel Enhancement Mode MOSFET

IRLML6402 Datasheet (HTML) - Shanghai Leiditech Electronic Technology Co., Ltd


IRLML6402 Product details

Description
to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V. This device is suitable for use as a Battery protection or in other Switching application.
The uses advanced trench technology IRLML6402

General Features
VDS = -20V ID
=-2.3A
RDS(ON) < 150mΩ@ VGS=-4.5V

Application
Battery protection Load switch Uninterruptible power supply




Similar Part No. - IRLML6402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402 IRF-IRLML6402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML6402 IRF-IRLML6402 Datasheet
140Kb / 9P
HEXFET Power MOSFET
logo
Texas Instruments
IRLML6402 TI1-IRLML6402 Datasheet
249Kb / 12P
bq2026 Evaluation Software
logo
Guangdong Kexin Industr...
IRLML6402 KEXIN-IRLML6402 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6402 HOTTECH-IRLML6402 Datasheet
442Kb / 4P
Plastic-Encapsulate Mosfets
More results


Similar Description - IRLML6402

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com