Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML6402
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML6402 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IRLML6402 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
-20V P-Channel Enhancement Mode MOSFET
Description
General Features
●
Application
●
●
●
D
G
S
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
A1SHB
SOT-23
Ø180mm
8 mm
3000 units
Dimensions SOT-23
Pin Configuration
Rev : 01.0
7.2021
1/
www.leiditech.com
VDS = -20V ID
Battery protection
Load switch
Uninterruptible power supply
Absolute Maximum Ratings (TC=25℃unless otherwise noted)
5
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V. This
device is suitable for use as a
Battery protection or in other Switching application.
=-2.3A
RDS(ON) < 150mΩ@ VGS=-4.5V
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Source Voltage
±12
V
ID
Drain Current-Continuous
-2.3
A
IDM
Drain Current -Pulsed (Note 1)
-10
A
PD
Maximum Power Dissipation
0.7
W
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 150
℃
RθJA
Thermal Resistance,Junction-to-Ambient (Note 2)
178
℃/W
IRLML6402
The
uses advanced trench technology
IRLML6402
IRLML6402


Similar Part No. - IRLML6402

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML6402 IRF-IRLML6402 Datasheet
81Kb / 8P
HEXFET Power MOSFET
IRLML6402 IRF-IRLML6402 Datasheet
140Kb / 9P
HEXFET Power MOSFET
logo
Texas Instruments
IRLML6402 TI1-IRLML6402 Datasheet
249Kb / 12P
bq2026 Evaluation Software
logo
Guangdong Kexin Industr...
IRLML6402 KEXIN-IRLML6402 Datasheet
2Mb / 6P
P-Channel Enhancement MOSFET
logo
GUANGDONG HOTTECH INDUS...
IRLML6402 HOTTECH-IRLML6402 Datasheet
442Kb / 4P
Plastic-Encapsulate Mosfets
More results

Similar Description - IRLML6402

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
20V P-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMP21D0UT DIODES-DMP21D0UT_15 Datasheet
170Kb / 7P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMP22D4UFA DIODES-DMP22D4UFA_15 Datasheet
159Kb / 6P
20V P-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
Pan Jit International I...
PJA3415 PANJIT-PJA3415 Datasheet
227Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJA3415A PANJIT-PJA3415A Datasheet
298Kb / 6P
20V P-Channel Enhancement Mode MOSFET
PJS6415 PANJIT-PJS6415 Datasheet
297Kb / 6P
20V P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com