Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML6402
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML6402 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IRLML6402 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Typical Characteristics
Rev : 01.0
7.2021
3/
www.leiditech.com
5
TJ-Junction Temperature(℃)
Figure 1 Power Dissipation
-Vds Drain-Source Voltage (V)
Figure 3 Output Characteristics
TJ-Junction Temperature(℃)
Figure 2 Drain Current
-ID- Drain Current (A)
Figure 4 Drain-Source On-Resistance
-Vgs Gate-Source Voltage (V)
Figure 5 Transfer Characteristics
TJ-Junction Temperature(℃)
Figure 6 Drain-Source On-Resistance
IRLML6402



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com