Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRLML6402 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # IRLML6402
Description  -20V P-Channel Enhancement Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

IRLML6402 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  IRLML6402 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd IRLML6402 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rev : 01.0
7.2021
2/
www.leiditech.com
Electrical Characteristics (TJ=25℃, unless otherwise noted)
5
Symbol
Parameter
Condition
Min
Typ
Max Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=-250μA
-20
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=-20V,VGS=0V
-
-
-1
μA
IGSS
Gate-Body Leakage Current
VGS=±12V,VDS=0V
-
-
±100
nA
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=-250μA
-0.5
-0.7
-1.2
V
RDS(ON)
Drain-Source On-State Resistance
VGS=-4.5V, ID=-2 A
-
135
165
mΩ
VGS=-2.5V, ID=-1.8A
-
150
185
mΩ
gFS
Forward Transconductance
VDS=-5V,ID=-2A
4
-
-
S
Clss
Input Capacitance
VDS=-10V,VGS=0V,
F=1.0MHz
-
290
-
PF
Coss
Output Capacitance
-
60
-
PF
Crss
Reverse Transfer Capacitance
-
34
-
PF
td(on)
Turn-on Delay Time
VDD=-10V, RL=5Ω VGS=-
4.5V,RGEN=3Ω
-
10
-
nS
tr
Turn-on Rise Time
-
5.0
-
nS
td(off)
Turn-Off Delay Time
-
21
-
nS
tf
Turn-Off Fall Time
-
7
-
nS
Qg
Total Gate Charge
VDS=-10V,ID=-2A,
VGS=-4.5V
-
3.0
-
nC
Qgs
Gate-Source Charge
-
0.5
-
nC
Qgd
Gate-Drain Charge
-
0.8
-
nC
VSD
Diode Forward Voltage (Note 3)
VGS=0V,IS=-2A
-
-
-1.2
V
Notes:
1、Repetitive Rating: Pulse width limited by maximum junction temperature.
2、Surface Mounted on FR4 Board, t ≤ 10 sec.
3、Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4、Guaranteed by design, not subject to production
IRLML6402



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com