Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFH40N60M2 Datasheet (PDF) - STMicroelectronics

STFH40N60M2 Datasheet PDF - STMicroelectronics
Part # STFH40N60M2
Download  STFH40N60M2 Download
File Size   726.98 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.078 typ., 34 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package

STFH40N60M2 Datasheet (PDF)

Go To PDF Page Download Datasheet
STFH40N60M2 Datasheet PDF - STMicroelectronics

Part # STFH40N60M2
Download  STFH40N60M2 Click to download

File Size   726.98 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N-channel 600 V, 0.078 typ., 34 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package

STFH40N60M2 Datasheet (HTML) - STMicroelectronics


STFH40N60M2 Product details

Features
 Extremely low gate charge
 Excellent output capacitance (COSS) profile
 100% avalanche tested
 Zener-protected
 Wide creepage distance of 4.25 mm between the pins

Description
This device is an N-channel Power MOSFET developed using MDmesh™ M2 technology. Thanks to its strip layout and an improved vertical structure, the device exhibits low on-resistance and optimized switching characteristics, rendering it suitable for the most demanding high efficiency converters.
The TO-220FP wide creepage package provides increased surface insulation for Power MOSFETs to prevent failure due to arcing, which can occur in polluted environments.

Applications
 Switching applications
 LLC converters, resonant converters




Similar Part No. - STFH40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFH10N60M2 STMICROELECTRONICS-STFH10N60M2 Datasheet
1Mb / 12P
Extremely low gate charge
18-Aug-2016
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STFH13N60M2 STMICROELECTRONICS-STFH13N60M2 Datasheet
674Kb / 12P
Extremely low gate charge
10-Jun-2016
STFH18N60M2 STMICROELECTRONICS-STFH18N60M2 Datasheet
692Kb / 12P
Extremely low gate charge
16-Jun-2016
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
More results


Similar Description - STFH40N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
N-channel 600 V, 0.71 Ω typ., 5.5 A MDmesh™ M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STF25N60M2-EP STMICROELECTRONICS-STF25N60M2-EP Datasheet
335Kb / 14P
N-channel 600 V, 0.175 Ω typ., 18 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
January 2015 Rev 2
STF27N60M2-EP STMICROELECTRONICS-STF27N60M2-EP Datasheet
665Kb / 13P
N-channel 600 V, 0.150 Ω typ., 20 A MDmesh™ M2 EP Power MOSFET in TO-220FP package
January 2016 Rev 1
STF43N60DM2 STMICROELECTRONICS-STF43N60DM2 Datasheet
418Kb / 13P
N-channel 600 V, 0.085 Ω typ., 34 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
01-Jul-2015
STFH24N60M2 STMICROELECTRONICS-STFH24N60M2 Datasheet
747Kb / 12P
N-channel 600 V, 0.168 Ω typ., 18 A MDmesh™ M2 Power MOSFET in a TO-220FP wide creepage package
June 2016 Rev 2
STW40N60M2-4 STMICROELECTRONICS-STW40N60M2-4 Datasheet
293Kb / 12P
N-channel 600 V, 78 m typ., 34 A MDmesh M2 Power MOSFET in a TO247-4 package
10-Dec-2020
STF11N60M2-EP STMICROELECTRONICS-STF11N60M2-EP Datasheet
305Kb / 14P
N-channel 600 V, 0.550 typ., 7.5 A MDmesh™ M2 EP Power MOSFET in a TO-220FP package
23-Apr-2018
STF20N60M2-EP STMICROELECTRONICS-STF20N60M2-EP Datasheet
288Kb / 14P
N-channel 600 V, 0.230 typ., 13 A, MDmesh™ M2 EP Power MOSFET in a TO-220FP package
04-Jun-2018
STFH10N60M6 STMICROELECTRONICS-STFH10N60M6 Datasheet
552Kb / 12P
N-channel 600 V, 520 m typ., 6.4 A MDmesh M6 Power MOSFET in a TO-220FP wide creepage package
30-May-2019
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com