Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPS1113FIA-13 Datasheet (PDF) - Diodes Incorporated

DPS1113FIA-13 Datasheet PDF - Diodes Incorporated
Part # DPS1113FIA-13
Download  DPS1113FIA-13 Download
File Size   808.33 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP

DPS1113FIA-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPS1113FIA-13 Datasheet PDF - Diodes Incorporated

Part # DPS1113FIA-13
Download  DPS1113FIA-13 Click to download

File Size   808.33 Kbytes
Page   16 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP

DPS1113FIA-13 Datasheet (HTML) - Diodes Incorporated


DPS1113FIA-13 Product details

Features
Operating Voltage Range: 4.5V to 5.5V
1-Channel Power Switch with Integrated Adjustable Current and
Voltage Limits
Ability to Discharge the Input and Output Ports Either Individually
or Simultaneously via the Two External Control Pins
Fast Short-Circuit Response Time at 2μs
Comprehensive Built-In Fault Detection and Recovery
Mechanisms like Input Undervoltage Lock-Out, Reverse Voltage
and Current Blocking, Thermal Shut-Down, Overcurrent and
Short-Circuit Protection
RDS(ON) of Embedded MOSFET at 30mΩ
Adjustable DV/DT Control at Start-Up
Fault Reporting (FAULTB) with Blanking Time at 7ms Typical
Fast Role Swap Supported
UL Recognized, File No. E322375
IEC60950-1 CB Scheme Certified
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control

Applications
Notebook & Desktop & AIO PCs, Servers, and Tablets
Docking Stations, Universal & Multimedia Hubs
FPTVs, PC Monitors
Set-Top Boxes, Residential Gateways, Storage Devices




Similar Part No. - DPS1113FIA-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1133FIA-13 DIODES-DPS1133FIA-13 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
DPS1133FIAQ-13 DIODES-DPS1133FIAQ-13 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
More results


Similar Description - DPS1113FIA-13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1914 TI-UC1914 Datasheet
652Kb / 14P
5V to 35V Hot Swap Power Manager
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
??V to ??5V Hot Swap Power Manager
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
logo
Diodes Incorporated
DPS1133 DIODES-DPS1133 Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
December 2019
DPS1135 DIODES-DPS1135 Datasheet
929Kb / 17P
24V/5A 1-CH POWER SWITCH WITH FAST ROLE SWAP
October 2020
logo
Alpha & Omega Semicondu...
AOZ1353LI AOSMD-AOZ1353LI Datasheet
1Mb / 15P
5V/3A ECPower™ Protection Switch with True Reverse-Current Blocking
Rev. 1.3 March 2019
AOZ1356DI AOSMD-AOZ1356DI Datasheet
1Mb / 18P
5V/3.5A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 2.2 October 2021
AOZ1356LI AOSMD-AOZ1356LI Datasheet
1Mb / 16P
5V/3A ECPower™ Protection Switch Supporting USB PD Fast Role Swap
Rev. 1.0 October 2018
logo
Diodes Incorporated
DPS1133FIAQ DIODES-DPS1133FIAQ Datasheet
1Mb / 16P
24V/3A 1-CH POWER SWITCH WITH FAST ROLE SWAP
July 2020 Rev. 2 - 2
logo
Microchip Technology
UCS3205 MICROCHIP-UCS3205 Datasheet
2Mb / 30P
5A, 22V Bidirectional Load Switch with Fast Role Swap
Revision A September 2020
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com