Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM3566-LC Datasheet (PDF) - Mimix Broadband

CMM3566-LC Datasheet PDF - Mimix Broadband
Part # CMM3566-LC
Download  CMM3566-LC Download
File Size   271.3 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier

CMM3566-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM3566-LC Datasheet PDF - Mimix Broadband

Part # CMM3566-LC
Download  CMM3566-LC Click to download

File Size   271.3 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier

CMM3566-LC Datasheet (HTML) - Mimix Broadband


CMM3566-LC Product details

General Description
The CMM3566-LC is a 7.0V, +24 dBm, linear power amplifier intended for use in PCS handsets and wireless local loop subscriber units and base stations. The amplifier is biased to meet the requirements of linear modulation systems of W-CDMA. The CMM3566-LC is packaged in a low-cost, space efficient, power package that provides excellent electrical stability and low thermal resistance. The part requires minimal external circuitry for bias and matching to reduce space and cost.

Features
■ 7.0V Bias Voltage
■ +24 dBm Linear Output Power (W-CDMA)
■ 30 dB Gain at Operating Output
■ Tested Under Digital Modulation (W-CDMA)
■ Leadless Chip Carrier (LCC) Package

Applications
■ Wireless Local Loop Subscriber Units
■ Wireless Local Loop Base Stations




Similar Part No. - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC-0000 MIMIX-CMM3566-LC-0000 Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC-000T MIMIX-CMM3566-LC-000T Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
More results


Similar Description - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000073-PKG003 MACOM-MAAP-000073-PKG003 Datasheet
278Kb / 9P
Amplifier, Power, 1.0 W 4.4-7.0 GHz
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC_07 Datasheet
183Kb / 4P
3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
2.1 - 3.5 GHz 15 dBm Amplifier
TM059-070-11-33 TRANSCOM-TM059-070-11-33 Datasheet
25Kb / 1P
5.9 - 7.0 GHz 33 dBm Power Module
logo
Analog Devices
ADPA1107 AD-ADPA1107 Datasheet
356Kb / 20P
45.0 dBm (35 W), 4.8 GHz to 6.0 GHz, GaN Power Amplifier
7/2021-Revision 0
logo
Qorvo, Inc
QPA1019 QORVO-QPA1019 Datasheet
821Kb / 21P
4.5 ??7.0 GHz 10 W GaN Power Amplifier
TGA2830-SM QORVO-TGA2830-SM Datasheet
1Mb / 18P
2.7 to 3.5 GHz, 18 W GaN Power Amplifier
TGA2975-SM QORVO-TGA2975-SM Datasheet
537Kb / 18P
2.7 to 3.5 GHz, 12 W GaN Power Amplifier
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com