Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMM3566-LC Datasheet (PDF) - Mimix Broadband

CMM3566-LC Datasheet PDF - Mimix Broadband
Part # CMM3566-LC
Download  CMM3566-LC Download
File Size   183.05 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier

CMM3566-LC Datasheet (PDF)

Go To PDF Page Download Datasheet
CMM3566-LC Datasheet PDF - Mimix Broadband

Part # CMM3566-LC
Download  CMM3566-LC Click to download

File Size   183.05 Kbytes
Page   4 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 3.4 to 3.5 GHz, 7.0V, 24 dBm W-CDMA Power Amplifier

CMM3566-LC Datasheet (HTML) - Mimix Broadband




Similar Part No. - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC Datasheet
271Kb / 5P
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
CMM3566-LC-000T MIMIX-CMM3566-LC-000T Datasheet
271Kb / 5P
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
More results


Similar Description - CMM3566-LC

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC Datasheet
271Kb / 5P
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
logo
ANADIGICS, Inc
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
Rev 1.0
logo
Transcom, Inc.
TA021-035-32-15 TRANSCOM-TA021-035-32-15 Datasheet
35Kb / 1P
2.1 - 3.5 GHz 15 dBm Amplifier
logo
ANADIGICS, Inc
AWT6331 ANADIGICS-AWT6331 Datasheet
398Kb / 8P
ZeroICTM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6301R ANADIGICS-AWT6301R Datasheet
382Kb / 9P
Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6307R ANADIGICS-AWT6307R_08 Datasheet
384Kb / 8P
HELP2TM Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Module
10/2008
AWT6310R ANADIGICS-AWT6310R_08 Datasheet
380Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
AWT6314R ANADIGICS-AWT6314R_08 Datasheet
388Kb / 8P
Dual-band CDMA/PCS 3.4 V/28 dBm Linear Power Amplifier Module
Rev 2.0
logo
Analog Devices
HMC943APM5E AD-HMC943APM5E Datasheet
437Kb / 18P
>1.5 W (34 dBm), 24 GHz to 34 GHz, GaAs, pHEMT, MMIC, Power Amplifier
11/2018-Rev. A to Rev. B
ADPA1106 AD-ADPA1106 Datasheet
1Mb / 19P
46 dBm (40 W), 2.7 GHz to 3.5 GHz, GaN Power Amplifier
Rev. 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com