Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL602B2 Datasheet (PDF) - Advanced Power Technology

APL602B2 Datasheet PDF - Advanced Power Technology
Part # APL602B2
Download  APL602B2 Download
File Size   71.24 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description LINEAR MOSFET 600V 49A 0.125?

APL602B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
APL602B2 Datasheet PDF - Advanced Power Technology

Part # APL602B2
Download  APL602B2 Click to download

File Size   71.24 Kbytes
Page   4 Pages
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology
Description LINEAR MOSFET 600V 49A 0.125?

APL602B2 Datasheet (HTML) - Advanced Power Technology




Similar Part No. - APL602B2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL602J ADPOW-APL602J Datasheet
74Kb / 4P
LINEAR MOSFET 600V 43A 0.125?
More results


Similar Description - APL602B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
1999 06
logo
International Rectifier
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Advanced Power Technolo...
APL602J ADPOW-APL602J Datasheet
74Kb / 4P
LINEAR MOSFET 600V 43A 0.125?
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDMS5352 FAIRCHILD-FDMS5352 Datasheet
282Kb / 7P
N-Channel Power Trench짰 MOSFET 60V, 49A, 6.7m廓
FDMS8460 FAIRCHILD-FDMS8460 Datasheet
323Kb / 7P
N-Channel Power Trench짰 MOSFET 40V, 49A, 2.2m廓
FDMS3500 FAIRCHILD-FDMS3500 Datasheet
294Kb / 7P
N-Channel Power Trench짰 MOSFET 75V, 49A, 14.5m廓
More results




About Advanced Power Technology


Advanced Power Technology (APT) is a semiconductor company that designs, manufactures and sells power MOSFETs and IGBTs (Insulated Gate Bipolar Transistors). The company was founded in 1986 and is headquartered in Bend, Oregon, USA.

APT's products are used in a wide range of applications, including automotive, industrial, communications, and consumer electronics. The company offers a wide range of MOSFETs and IGBTs with different voltage and current ratings, package options and other features to meet the specific needs of its customers.

APT is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. APT also offers custom design and engineering services to meet the specific needs of its customers.

APT has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power MOSFETs and IGBTs that meet the evolving needs of the electronics industry. In 2000, APT was acquired by Microsemi Corporation, which later became part of Microchip Technology Inc.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com