Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL602B2 Datasheet(PDF) 1 Page - Advanced Power Technology

Part # APL602B2
Description  LINEAR MOSFET 600V 49A 0.125?
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APL602B2 Datasheet(HTML) 1 Page - Advanced Power Technology

  APL602B2 Datasheet HTML 1Page - Advanced Power Technology APL602B2 Datasheet HTML 2Page - Advanced Power Technology APL602B2 Datasheet HTML 3Page - Advanced Power Technology APL602B2 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
V
DSS
I
D
I
DM
V
GS
V
GSM
P
D
T
J
,T
STG
T
L
I
AR
E
AR
E
AS
STATIC ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
All Ratings: TC = 25°C unless otherwise specified.
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Characteristic / Test Conditions / Part Number
Drain-Source Breakdown Voltage (V
GS
= 0V, I
D
= 250 µA)
On State Drain Current 2 (V
DS
> I
D
(ON) x R
DS
(ON) Max, V
GS
= 12V)
Drain-Source On-State Resistance
2 (V
GS
= 12V, 24.5A)
Zero Gate Voltage Drain Current (V
DS
= 600v, V
GS
= 0V)
Zero Gate Voltage Drain Current (V
DS
= 480V, V
GS
= 0V, T
C
= 125°C)
Gate-Source Leakage Current (V
GS
= ±30V, V
DS
= 0V)
Gate Threshold Voltage
(V
DS
= V
GS
, I
D
= 2.5mA)
MIN
TYP
MAX
600
49
0.125
25
250
±100
24
UNIT
Volts
Amps
Ohms
µA
nA
Volts
Symbol
BV
DSS
I
D
(ON)
R
DS
(ON)
I
DSS
I
GSS
V
GS
(TH)
APT Website - http://www.advancedpower.com
LINEAR MOSFET
Linear Mosfets are optimized for applications operating in the Linear
region where concurrent high voltage and high current can occur at
near DC conditions (>100 msec).
• Higher FBSOA
• Higher Power Dissipation
• Popular T-MAX™ or TO-264 Package
Parameter
Drain-Source Voltage
Continuous Drain Current @ TC = 25°C
Pulsed Drain Current
1
Gate-Source Voltage Continuous
Gate-Source Voltage Transient
Total Power Dissipation @ TC = 25°C
Linear Derating Factor
Operating and Storage Junction Temperature Range
Lead Temperature: 0.063" from Case for 10 Sec.
Avalanche Current
1
(Repetitive and Non-Repetitive)
Repetitive Avalanche Energy
1
Single Pulse Avalanche Energy
4
UNIT
Volts
Amps
Volts
Watts
W/°C
°C
Amps
mJ
APL602B2-L
600
49
196
±30
±40
730
5.84
-55 to 150
300
49
50
3000
T-MAX™
TO-264
B2
APL602B2
APL602L
600V
49A 0.125
Ω
Ω
Ω
Ω
Ω
G
D
S
L


Similar Part No. - APL602B2

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APL602J ADPOW-APL602J Datasheet
74Kb / 4P
LINEAR MOSFET 600V 43A 0.125?
More results

Similar Description - APL602B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HRFZ44N FAIRCHILD-HRFZ44N Datasheet
193Kb / 10P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HRFZ44N INTERSIL-HRFZ44N Datasheet
134Kb / 9P
49A, 55V, 0.022 Ohm, N-Channel UltraFET Power MOSFET
1999 06
logo
International Rectifier
IRFI1010N IRF-IRFI1010N Datasheet
109Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=49A)
IRFZ44N IRF-IRFZ44N Datasheet
100Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=17.5mohm, Id=49A)
IRFZ44NS IRF-IRFZ44NS Datasheet
151Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A)
logo
Advanced Power Technolo...
APL602J ADPOW-APL602J Datasheet
74Kb / 4P
LINEAR MOSFET 600V 43A 0.125?
logo
Fairchild Semiconductor
FDMS8662 FAIRCHILD-FDMS8662 Datasheet
210Kb / 7P
N-Channel PowerTrench짰 MOSFET 30V, 49A, 2.0m廓
FDMS5352 FAIRCHILD-FDMS5352 Datasheet
282Kb / 7P
N-Channel Power Trench짰 MOSFET 60V, 49A, 6.7m廓
FDMS8460 FAIRCHILD-FDMS8460 Datasheet
323Kb / 7P
N-Channel Power Trench짰 MOSFET 40V, 49A, 2.2m廓
FDMS3500 FAIRCHILD-FDMS3500 Datasheet
294Kb / 7P
N-Channel Power Trench짰 MOSFET 75V, 49A, 14.5m廓
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com